Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXSC440 Datasheet HTML 1Page - Zetex Semiconductors ZXSC440 Datasheet HTML 2Page - Zetex Semiconductors ZXSC440 Datasheet HTML 3Page - Zetex Semiconductors ZXSC440 Datasheet HTML 4Page - Zetex Semiconductors ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DEVICE DESCRIPTION
Bandgap reference
All threshold voltages and internal currents are derived
from a temperature compensated bandgap reference
circuit with a reference voltage of 1.22V nominal. If the
REF terminal is used as a reference for external
devices, the maximum load should not exceed ±2 A.
Dynamic drive output
Depending on the input signal, the output is either
"LOW" or "HIGH". In the high state a 3.4mA current
source (max drive voltage = VCC-0.4V) drives the base
or gate of the external transistor. In order to operate the
external switching transistor at optimum efficiency,
both output states are initiated with a short transient
current in order to quickly discharge the base or the
gate of the switching transistor.
Switching circuit
The switching circuit consists of two comparators,
Comp1 and Comp2, a gate U1, a monostable and the
drive output. Normally the DRIVE output is "HIGH"; the
external switching transistor is turned on. Current
ramps up in the inductor, the switching transistor and
external current sensing resistor. This voltage is
sensed by comparator, Comp2, at input SENSE. Once
the current sense voltage across the sensing resistor
exceeds 28mV, comparator, Comp2, through gate U1,
triggers a re-triggerable monostable and turns off the
output drive stage for 1.7 s. The inductor discharges
into the reservoir capacitor. After 1.7 s a new charge
cycle begins, thus ramping the output voltage. When
the output voltage reaches the nominal value and VFB
gets an input voltage of more than 300mV, the
monostable is forced "on" from Comp1 through gate
U1, until the feedback voltage falls below 300mV. The
above action continues to maintain regulation, with
slight hysteresis on the feedback threshold.
READY detector
The READY circuit is a re-triggerable 195 s
monostable, which is re-triggered by every down
regulating action of comparator Comp1. As long as
regulation takes place, output READY is "HIGH" (high
impedance, 100K to VCC). Short dips of the output
voltage of less than 195 s are ignored. If the output
voltage falls below the nominal value for more than
195 s, output READY goes "LOW". This can be used to
signal to the camera controller that the flash unit has
charged fully and is ready to use.
ZXSC440
SEMICO NDUC TORS
ISSUE 1 - JANUARY 2005
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com