Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01A Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C01A
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C01A Datasheet HTML 9Page - ATMEL Corporation AT24C01A Datasheet HTML 10Page - ATMEL Corporation AT24C01A Datasheet HTML 11Page - ATMEL Corporation AT24C01A Datasheet HTML 12Page - ATMEL Corporation AT24C01A Datasheet HTML 13Page - ATMEL Corporation AT24C01A Datasheet HTML 14Page - ATMEL Corporation AT24C01A Datasheet HTML 15Page - ATMEL Corporation AT24C01A Datasheet HTML 16Page - ATMEL Corporation AT24C01A Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
AT24C01A/02/04/08A/16A
5092C–SEEPR–2/07
AT24C02 Ordering Information
Ordering Code
Package
Operation Range
AT24C02N-10SQ-2.7
AT24C02-10TQ-2.7
8S1
8A2
Lead-free/Halogen-free/Automotive
Temperature
(
−40°C to 125°C)
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
−2.7
Low-voltage (2.7V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com