Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8801 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8801 Datasheet HTML 12Page - NXP Semiconductors PCF8801 Datasheet HTML 13Page - NXP Semiconductors PCF8801 Datasheet HTML 14Page - NXP Semiconductors PCF8801 Datasheet HTML 15Page - NXP Semiconductors PCF8801 Datasheet HTML 16Page - NXP Semiconductors PCF8801 Datasheet HTML 17Page - NXP Semiconductors PCF8801 Datasheet HTML 18Page - NXP Semiconductors PCF8801 Datasheet HTML 19Page - NXP Semiconductors PCF8801 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
2000 Feb 04
18
Philips Semiconductors
Product specification
LCD driver for 140
× 2 segments
PCF8801
TRAY INFORMATION
handbook, full pagewidth
MGL928
D
C
A
x
y
F
E
B
Fig.8 Tray details.
For the dimensions of x, y and A to F, see Table 7.
Table 6
Bonding pad dimensions
Table 7
Tray dimensions
handbook, halfpage
MGL929
PCF8801
Fig.9 Tray alignment.
The orientation of the IC in a pocket is indicated by the
position of the IC type name on the die surface with respect to
the chamfer on the upper left corner of the tray. Refer to Fig.6
for the orientation and position of the type name on the die
surface.
Pad pitch
min. 75
µm
Pad size, aluminium
62
× 100 µm
Bump dimensions
50
× 90 × 17.5 (±5) µm
Wafer thickness
approx. 380
µm
DIM.
DESCRIPTION
VALUE
A
pocket pitch, in the x direction
13.97 mm
B
pocket pitch, in the y direction
3.20 mm
C
pocket width, in the x direction
11.66 mm
D
pocket width, in the y direction 1.30 mm
E
tray width, in the x direction
50.80 mm
F
tray width, in the y direction
50.80 mm
x
no. pockets in the x direction
3
y
no. pockets in the y direction
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com