Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD26PBY99R20X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD26PBY99R20X
Description  D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED threaded insert, metal bracket, fixing plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD26PBY99R20X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDD26PBY99R20X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD26PBY99R20X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6HDD26P Y99R20X
CONEC ABC
o
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1074
A3
1/2
D-SUB HD MALE 90°
SEE NOTES
Henneboel
11.07.12
11.07.12
Koch
26pos. SOLDER PIN ANGLED
threaded insert, metal bracket, fixing plate
18K1A476/18K2A476
2:1 (5:1)
6HDD26P Y99R20X
a
Original
1 x b
Ä4375
11.07.12
K.H.
o
NOTES:
1. FOR WAVESOLDERING ( SOLDER BATH TEMPERATURE 240°C
FOR 5 SEC. / AND SOLDER PREHEAT 120°C FOR 120 SEC. )
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: PBT GF UL 94 V-0; BLACK
4. SIGNAL CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
5. METAL BRACKETS: ZINC DIE CAST; 300µin COPPER/40-120µin NICKEL/
120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. HEXLOCKING SCREWS: STAINLESS STEEL
8. FRAME: ZINC DIE CAST; NICKEL PLATED
9. FIXING PLATE: PBT GF UL 94 V-0; BLACK
10. O-RING: SILICON; BLUE
11. RUBBER GASKET: TPE
12. SEALING COMPOUND: PUR; BLUE
13. P.C.B. HOLE DRILLINGS AND
RECOMMENDED PANEL CUT-OUT ON SHEET 2
14. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) /
max.40Ncm (3.5 in.LB)
15. CONNECTOR IS PART MARKED: 6HDD26P Y99R20X CONEC ABC (see note 4)
o
o
o
25,17 -0,05
0,2
+
8,26 -0,03
0,22
+
6,35 `0,3
O-RING
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE
SHOULD BE COVERED WITH A
CONEC WATERRESISTANT CAP
OR WATERTIGHT HOOD.
SEE NOTE 15
SEALING
COMPOUND
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
FIXING PLATE
3,3 -0
0,5
+
POS. 1
POS. 10
POS. 19
SEE NOTE 8
33,3 -0,1
0,15
+
47,7 -0
0,3
+
10°
4,8
SW
4-40 UNC
METAL BRACKET
4-40 UNC
Directive 2002/95/EC RoHS compliant
o
(see note 4)
b


Similar Part No. - 6HDD26PBY99R20X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDD26PBY99R30X CONEC-6HDD26PBY99R30X Datasheet
173Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED threaded insert, metal bracket, fixing plate, snap
02.03.2010
6HDD26PBY99R40X CONEC-6HDD26PBY99R40X Datasheet
1Mb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED threaded insert, metal bracket, fixing plate, snap
08.12.11
More results

Similar Description - 6HDD26PBY99R20X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A17659X CONEC-163A17659X Datasheet
429Kb / 2P
D-SUB HD Male 90° 26pos. Solder pin angled 0.350 inch threaded insert,mounting bracket,fixing plate,grounding bracket
09.12.2019
163A17819X CONEC-163A17819X Datasheet
177Kb / 1P
D-SUB HD MALE 90° 26pos. 0,350inch threaded insert, metal bracket, fixing plate, clip
20.08.09
164A18229X CONEC-164A18229X Datasheet
368Kb / 1P
D-SUB HD Female 90° 26pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
11.07.17
164A20939X CONEC-164A20939X Datasheet
285Kb / 2P
D-SUB HD FEMALE 90° 26pos. SOLDER PIN ANGLED 0.350inch threaded insert,mounting bracket,fixing plate,grounding clip
23.05.2014
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
3H15W4SAT99G60X CONEC-3H15W4SAT99G60X Datasheet
248Kb / 2P
D-SUB HD COMB. FEMALE 90° 15W4S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate
19.03.13
3H19W1SAT99G60X CONEC-3H19W1SAT99G60X Datasheet
268Kb / 2P
D-SUB HD COMB. FEMALE 90° 19W1S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate
19.03.13
3H45W2SAT99G60X CONEC-3H45W2SAT99G60X Datasheet
408Kb / 1P
D-SUB HD COMB. FEMALE 90° 45W2S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate
19.03.13
15-000903 CONEC-15-000903 Datasheet
267Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
15.09.08
15-002203 CONEC-15-002203 Datasheet
183Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
27.11.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com