Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD26PBY99R40X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD26PBY99R40X
Description  D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED threaded insert, metal bracket, fixing plate, snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD26PBY99R40X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDD26PBY99R40X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD26PBY99R40X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( 5 : 1 )
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6HDD26PoY99R40X
CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A980
A3
1
D-SUB HD MALE 90°
SEE NOTES
Henneboel
08.12.11
08.12.11
Fischer
26pos. SOLDER PIN ANGLED
threaded insert, metal bracket, fixing plate, snap
18K1A464
2:1 (5:1)
6HDD26P Y99R40X
a
Original
2 x b
Ä4784
11.06.13
HS
NOTES:
1. FOR WAVESOLDERING ( SOLDER BATH TEMPERATURE 240°C
FOR 5 SEC. / AND SOLDER PREHEAT 120°C FOR 120 SEC. )
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: PBT GF UL 94 V-0; BLACK
4. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
5. METAL BRACKETS: ZINC DIE CAST;
300µin COPPER/ 40-120µin NICKEL/ 120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3,1±0,1; PCB THICKNESS 1,6mm
8. COLLARS: COPPER ALLOY; NICKEL PLATED
9. HEXLOCKING SCREWS: STAINLESS STEEL
10. FRAME: ZINC DIE CAST; NICKEL PLATED
11. FIXING PLATE: PBT GF UL 94 V-0; BLACK
12. O-RING: SILICON; BLUE
13. RUBBER GASKET: TPE
14. SEALING COMPOUND: PUR; BLUE
15. P.C.B. HOLE DRILLINGS AND
RECOMMENDED PANEL CUT-OUT ON SHEET 2
16. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) /
max.40Ncm (3.5 in.LB)
17. CONNECTOR IS PART MARKED: 6HDD26PoY99R40X CONEC ABC (see note 4)
b
b
25,17
- 0,05
0,2
+
8,26 - 0,03
0,22
+
6,35 `0,3
O-RING
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE
SHOULD BE COVERED
WITH A CONEC WATER
RESISTANT CAP OR
WATERTIGHT HOOD.
SEE NOTE 17
SEALING
COMPOUND
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
FIXING PLATE
3,3 - 0
0,5
+
POS. 1
POS. 10
POS. 19
SEE NOTE 10
47,7
- 0
0,3
+
10°
4,8
SW
PRESS FOR FIXING ON PCB
METAL BRACKET
4-40 UNC
Directive 2002/95/EC RoHS compliant
3,2 `0,2
PCB-SNAP
33,3
- 0,1
0,15
+
4-40 UNC
(see note 4)
o


Similar Part No. - 6HDD26PBY99R40X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDD26PBY99R20X CONEC-6HDD26PBY99R20X Datasheet
266Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED threaded insert, metal bracket, fixing plate
11.07.12
6HDD26PBY99R30X CONEC-6HDD26PBY99R30X Datasheet
173Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED threaded insert, metal bracket, fixing plate, snap
02.03.2010
More results

Similar Description - 6HDD26PBY99R40X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A17659X CONEC-163A17659X Datasheet
429Kb / 2P
D-SUB HD Male 90° 26pos. Solder pin angled 0.350 inch threaded insert,mounting bracket,fixing plate,grounding bracket
09.12.2019
163A17809X CONEC-163A17809X Datasheet
311Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
04.12.2017
163A17819X CONEC-163A17819X Datasheet
177Kb / 1P
D-SUB HD MALE 90° 26pos. 0,350inch threaded insert, metal bracket, fixing plate, clip
20.08.09
164A18229X CONEC-164A18229X Datasheet
368Kb / 1P
D-SUB HD Female 90° 26pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
11.07.17
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
3H15W4SAT73G80X CONEC-3H15W4SAT73G80X Datasheet
694Kb / 2P
D-SUB HD COMB. FEMALE 90° 15W4S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
17.07.13
3H19W1SAT99G80X CONEC-3H19W1SAT99G80X Datasheet
261Kb / 2P
D-SUB HD COMB. FEMALE 90° 19W1S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
25.03.2013
15-000903 CONEC-15-000903 Datasheet
267Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
15.09.08
15-000943 CONEC-15-000943 Datasheet
276Kb / 2P
D-SUB HD FEMALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
15.09.08
15-002203 CONEC-15-002203 Datasheet
183Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
27.11.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com