Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBGINTERROGATOR Datasheet(PDF) 3 Page - Advanced Energy Industries, Inc.

Part # FBGINTERROGATOR
Description  Instrument with an integrated light source (IRS) that provides interrogation for 1, 4, or 16 FBG sensors.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

FBGINTERROGATOR Datasheet(HTML) 3 Page - Advanced Energy Industries, Inc.

  FBGINTERROGATOR Datasheet HTML 1Page - Advanced Energy Industries, Inc. FBGINTERROGATOR Datasheet HTML 2Page - Advanced Energy Industries, Inc. FBGINTERROGATOR Datasheet HTML 3Page - Advanced Energy Industries, Inc. FBGINTERROGATOR Datasheet HTML 4Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
advancedenergy.com
3
WAVECAPTURE FBG ANALYZER SYSTEM
ORDERING INFORMATION
StartingWavelength
1280 = 1280.00 nm
1525 = 1525.00 nm
1510 = 1510.00 nm
or specify
FrequencyResponseand Interface
S = RS-232 (~5 Hz)
F = USB 2.0 (~5 kHz)
EndingWavelength
1320 = 1320.00 nm
1565 = 1565.00 nm
1590 = 1590.00 nm
or specify
F
B
G
NumberofChannels
01 = 1 Channel
04 = 4 Channels
16 = 16 Channels
S
Y
S
WAVECAPTURE FBGA OVERVIEW
Advanced Energy's WaveCapture Fiber Bragg Grating Analyzer (FBGA) is an integrated spectral engine that serves
as the heart of precise, fast, and reliable FBG interrogator systems. The FBG Analyzer employs a proprietary optical
design that features high-efficiency dispersive optics, an ultrasensitive detector array, and innovative numerical
algorithms to provide high speed, high-resolution spectral measurements in challenging environments. The figure
below shows an FBG analyzer integrated into an FBG sensing system. A broadband light source illuminates an
optical fiber which features an array of “N” fiber bragg grating sensors. The FBG array reflects “N” spectral bands
of light back down the fiber, where an optical circulator directs the light to the FBG Analyzer. Inside the analyzer,
the light is dispersed and the diffracted spectrum is measured by a detector array. Numerical algorithms are used
to extract each “Bragg wavelengths" from the raw data, which are sent to the host and converted to temperature,
strain, acceleration, or other measured parameter. Both raw and processed data are available to the host.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com