Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237 Datasheet(PDF) 1 Page - Heyco.

Part # 1237
Description  Original Strain Relief Bushings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

1237 Datasheet(HTML) 1 Page - Heyco.

  1237 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4-20
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
Strain Relief Bushings
®
• Protects the lifeline of your electric/
electronic products by absorbing the
forces of pull, push, and twist that may
be exerted on the flexible power cord.
• Securely anchors, insulates, and
protects cables at panel entry points.
• Sizes SR 6-Series to SR 7-Series for
mounting hole diameters from .625˝
(15,9 mm) to .781˝ (19,8 mm).
• Sizes for thin .062˝ (1,6 mm)
panel available: SR 7N-2
See chart for details.
• See page 4-38 for corresponding
Mounting Hole Plugs which can be
used to fill blank/unused Mounting
Holes and thus allow for a single panel
design for multiple applications.
• Consult Heyco for other wire types
and sizes.
• See pages 4-27 & 4-28 for SR
assembly tools.
• See page 4-19 for Quick Specs.
• For Double D Mounting Hole Punches,
see page 4-30.
Heyco® Original Strain Relief Bushings
Straight-Thru for Round Cables
.625˝ (15,9 mm) to .750˝ (19,0 mm) Mounting Holes
WILL FIT THESE CABLES
PANEL DIMENSIONS
PART NO. DESCRIPTION PART DIM. Mounting
UL Type
AWG/
Approximate
A
B
Finished
C
Hole Plug
Conductors
Size
Mounting
To Prevent
Fit Panel
Black
BODY
Hole Dia.
Rotation
Thickness*
LENGTH
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm. PART NO.
SJ, SJT
18/2
.300
7,6
.625
15,9
.550
14,0
.062
1,6
1217
SR 6N-4
.578
14,7
& SJO
Same as SR 6N-4 above except
.125
3,2
1210
SR 6P-4
.578
14,7
SJT
18/3
.300-
7,6-
.625
15,9
.550
14,0
.062
1,6
1197
SR 6N2-4
.578
14,7
.330
8,4
16/2
.325
8,3
18/3
.330
8,4
SJ, SJT
14/2
.350
8,9
.625
15,9
.550
14,0
.062
1,6
1200
SR 6N3-4
.578
14,7
2497
& SJO
16/3
.355
9,0
18/4
.360
9,1
Same as SR 6N3-4 above except
.125
3,2
1207
SR 6P3-4
.578
14,7
18/2
.380
9,7
S & ST
18/3
.405
10,3
.625
15,9
.550
14,0
.062
1,6
1202
SR 6N5-4
.578
14,7
16/2
Same as SR 6N5-4 above except
.125
3,2
1204
SR 6P5-4
.578
14,7
18/2
.300
7,6
.625
15,9
SJ, SJT
16/2
.325
8,3
.656
16,7
& SJO
18/3
.330
8,4
.656
16,7
.550
14,0
.156
4,0
1214
SR 6L-1
.678
17,2
consult Heyco
16/3
.355
9,0
.687
17,4
HPD
16/3
.355
9,0
.687
17,4
SJT
18/4
.360
9,1
14/3
.370
9,4
18/2
.390
9,9
.750
19,0
18/3
.405
10,3
.660
16,8
.062
1,6
1244
SR 7N-2
.750
19,1
2503
S & ST
16/2
.405
10,3
16/3
.430
10,9
.750-
19,0-
.781
19,8
Same as SR 7N-2 above except
.125
3,2
1237
SR 7P-2
.750 19,1
Standard color black. Consult Heyco for white and other colors.
*Maximum Panel Thickness. Part has additional clearance. Consult Heyco for your Custom Finished Fit Panel Thickness.
STANDARD MOUNTING HOLES
.956
.255
FOR SR-7KR-2 ONLY
C
B
A
B
A
ELONGATED MOUNTING HOLE
A
B


Similar Part No. - 1237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1237 ETC2-1237 Datasheet
87Kb / 1P
KNOB
logo
CEE Norm UK Ltd
1237 CEENORM-1237 Datasheet
1Mb / 4P
Socket Outlets
logo
Lapp.
1237000 LAPP-1237000 Datasheet
401Kb / 11P
ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
2025-06-30
logo
Weidmuller
1237000000 WEIDMULLER-1237000000 Datasheet
541Kb / 7P
SCZ 3.81/04/180GZE SN OR BX
logo
ERNI Electronics
123701 ERNI-123701 Datasheet
57Kb / 1P
ERmet Messerleiste C
More results

Similar Description - 1237

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
1240 ETC-1240 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
1814 ETC-1814 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
1847 ETC-1847 Datasheet
132Kb / 1P
Heyco짰 ST Lockit??Strain Relief Bushings
logo
Heyco.
1853 HEYCO-1853 Datasheet
159Kb / 1P
Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
1063 HEYCO-1063 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com