Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES060C Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES060C
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES060C Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES060C Datasheet HTML 1Page - Balluff Korea Ltd. BES060C Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES M18MI-PSC12E-S04G-W30
Order Code: BES060C
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 284901
ETIM 6.0: EC002714
BES060C_0.84_2023-12-13
1 / 2
Basic features
Additional features
Factor 1
Extended temperature range
Housing resistant to weld spatter
metal dust blanking
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Scope of delivery
2x nut M18x1
Trademark
Factor 1
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection
M12x1-Male, 3-pin, A-coded
Electrical version
3-wire
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
1 µF
Magnetic field strength, interference
field
100 kA/m
Min. operating current Im
0 mA
No-load current Io max., damped
30 mA
No-load current Io max., undamped
25 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
100.0 kOhm
Protection class
II
Rated operating current Ie
200 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ready delay tv max.
50 ms
Ripple max. (% of Ue)
15 %
Switching frequency
2000 Hz
Utilization category
DC -13
Voltage drop static max.
2 V
Environmental conditions
Ambient temperature
-40...85 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67, IP68, according to BWN Pr
20
Magnetic field immune
magnetic field immune (AC/DC)
Functional safety
MTTF (40 °C)
240 a
n


Similar Part No. - BES060C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0601 BALLUFF-BES0601 Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.26_2022-06-02
BES0602 BALLUFF-BES0602 Datasheet
118Kb / 2P
Inductive Sensors
2023-03-23
BES0603 BALLUFF-BES0603 Datasheet
117Kb / 2P
Inductive Sensors
2023-04-24
BES0604 BALLUFF-BES0604 Datasheet
118Kb / 2P
Inductive Sensors
2023-08-15
BES0605 BALLUFF-BES0605 Datasheet
119Kb / 2P
Inductive Sensors
2023-05-05
More results

Similar Description - BES060C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com