Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A13G Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMP6A13G
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A13G Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMP6A13G Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 7Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A13G
ISSUE 3 - MAY 2007
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
-60
V
I
D=-250μA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
-1
AV
DS=-60V, VGS=0V
Gate-Body Leakage
I
GSS
100
nA
V
GS=
20V, V
DS=0V
Gate-Source Threshold Voltage
V
GS(th)
-1.0
V
I
D
=-250 A, V
DS=VGS
Static Drain-Source On-State Resistance
(1)
R
DS(on)
0.390
0.595
V
GS=-10V, ID=-0.9A
V
GS=-4.5V, ID=-0.8A
Forward Transconductance
(1)(3)
g
fs
1.8
S
V
DS=-15V,ID=-0.9A
DYNAMIC
(3)
Input Capacitance
C
iss
219
pF
V
DS=-30V, VGS=0V,
f=1MHz
Output Capacitance
C
oss
25.7
pF
Reverse Transfer Capacitance
C
rss
20.5
pF
SWITCHING
(2) (3)
Turn-On Delay Time
t
d(on)
1.6
ns
V
DD =-30V, ID=-1A
R
G≅6.0
, V
GS=-10V
Rise Time
t
r
2.2
ns
Turn-Off Delay Time
t
d(off)
11.2
ns
Fall Time
t
f
5.7
ns
Gate Charge
Q
g
3.2
nC
V
DS=-30V,VGS=-5V,
ID=-0.9A
Total Gate Charge
Q
g
5.9
nC
V
DS=-30V,VGS=-10V,
I
D=-0.9A
Gate-Source Charge
Q
gs
0.74
nC
Gate-Drain Charge
Q
gd
1.5
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
V
SD
-0.85
-0.95
V
T
J=25 C, IS=-0.8A,
V
GS=0V
Reverse Recovery Time
(3)
t
rr
21.1
ns
T
J=25 C, IF=-0.9A,
di/dt= 100A/ s
Reverse Recovery Charge
(3)
Q
rr
19.3
nC
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
NOTES
:
(1) Measured under pulsed conditions. Width
300µ s. Duty cycle
2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com