Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A13FTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMP6A13FTC
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A13FTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMP6A13FTC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 7Page - Zetex Semiconductors ZXMP6A13FTC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A13F
ISSUE 3 - MAY 2007
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-60
V
ID=-250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1
AVDS=-60V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-1.0
V
I
D
=-250 A, VDS=VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.400
0.600
VGS=-10V, ID=-0.9A
VGS=-4.5V, ID=-0.8A
Forward Transconductance
(1)(3)
gfs
1.8
S
VDS=-15V,ID=-0.9A
DYNAMIC
(3)
Input Capacitance
Ciss
219
pF
VDS=-30V, VGS=0V,
f=1MHz
Output Capacitance
Coss
25.7
pF
Reverse Transfer Capacitance
Crss
20.5
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
1.6
ns
VDD =-30V, ID=-1A
RG≅6.0 ,VGS=-10V
Rise Time
tr
2.2
ns
Turn-Off Delay Time
td(off)
11.2
ns
Fall Time
tf
5.7
ns
Gate Charge
Qg
3.2
nC
VDS=-30V,VGS=-5V,
ID=-0.9A
Total Gate Charge
Qg
5.9
nC
VDS=-30V,VGS=-10V,
ID=-0.9A
Gate-Source Charge
Qgs
0.74
nC
Gate-Drain Charge
Qgd
1.5
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-0.95
V
TJ=25°C, IS=-0.8A,
VGS=0V
Reverse Recovery Time
(3)
trr
21.1
ns
TJ=25°C, IF=-0.9A,
di/dt= 100A/
μs
Reverse Recovery Charge
(3)
Qrr
19.3
nC
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
NOTES:
(1) Measured under pulsed conditions. Width
=300μs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com