Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5216 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5216 Datasheet HTML 1Page - RF Micro Devices RF5216 Datasheet HTML 2Page - RF Micro Devices RF5216 Datasheet HTML 3Page - RF Micro Devices RF5216 Datasheet HTML 4Page - RF Micro Devices RF5216 Datasheet HTML 5Page - RF Micro Devices RF5216 Datasheet HTML 6Page - RF Micro Devices RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 22
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC, VBATT)
-1.2 to 6.0
V
Control Voltage (VRAMP)
-0.3 to 3.0
V
Digital control signals, SCLK, SDATA, VIO
2.0
V
RF Input Power for 2G PA
10
dBm
RF Input Power for all TRX Ports
31
dBm
Transmit Duty Cycle, Period = 4.6ms
50
%
Output Load VSWR
20:1
Operating Temperature Range
-30 to +85
°C
Storage Temperature Range
-55 to +150
°C
ESD Rating – Human Body Model (HBM, JESD22-A114)
1000
V
ESD Rating – Charged Device Model (CDM, JESD22-C101C)
500
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Performance Specifications
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Requirements
TA = 25°C, unless otherwise specified
Operating Ambient Temperature (TA)
-30
25
85
°C
Supply Voltage, VCC
3.0
3.5
4.6
V
Normal operating range
Supply Voltage, VBATT
2.8
3.5
4.6
V
Normal operating range
Supply Leakage Current
10
µA
VRAMP Voltage
0.16
V
GSM transmit; minimum RF output power
1.8
V
GSM transmit; maximum RF output power
1.65
1.8
V
EDGE transmit
VRAMP Capacitance
10
pF
DC to 200kHz
VRAMP Current
10
µA
Supply Voltage, VIO
1.65
1.8
2.0
V
MIPI RFFE supply voltage
MIPI RFFE logic low (SCLK, SDATA)
0
0.3*VIO
V
MIPI RFFE logic high (SCLK, SDATA)
0.7*VIO
VIO
V
VIO Rise Time
450
µs
Required for device reset
Control Current (MIPI Digital Inputs)
50
µA
Turn-on Time
20
µs
From application of VBATT and VIO
Switching Speed
2
5
µs
Port to Port
RF Port Impedance
50
Ω
Pins 2, 3, 17, 22, 24 to 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com