Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM1205-03A-MP-R16-67 Datasheet(PDF) 1 Page - CUI Devices

Part # CDM1205-03A-MP-R16-67
Description  M12 CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM1205-03A-MP-R16-67 Datasheet(HTML) 1 Page - CUI Devices

  CDM1205-03A-MP-R16-67 Datasheet HTML 1Page - CUI Devices CDM1205-03A-MP-R16-67 Datasheet HTML 2Page - CUI Devices CDM1205-03A-MP-R16-67 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
SERIES: CDM1205 | DESCRIPTION: M12 CONNECTOR
cuidevices.com
FEATURES
• M12 male connector
• A code
• panel mount
• IP67
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3 & 4 pole models
5 pole model
8 & 12 pole models
250
60
30
V
V
V
rated current
3, 4, & 5 pole models
8 pole model
12 pole model
4
2
1.5
A
A
A
withstanding voltage
for 1 minute
1,500
Vac
contact resistance
10
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
insertion/withdrawal force
0.3
3.0
kgf
operating temperature
-25
80
°C
life
100
cycles
safety approvals
compliant with IEC61076-2-101
flammability rating
see material table
RoHS
yes
IP level
IP67 (in mated condition)
packaging
tray QTY: 30 pcs
carton size: 275 x 235 x 335 mm
carton QTY: 450 pcs
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
260
280
300
°C
PART NUMBER KEY
Base Number
CDM1205 - XX A - MP - R16 - 67
No. of Poles (A-Coding):
03 = 3
04 = 4
05 = 5
08 = 8
12 = 12
Additional Resources: Product Page


Similar Part No. - CDM1205-03A-MP-R16-67

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM1201 CUI-CDM1201 Datasheet
398Kb / 3P
M12 CONNECTOR
12/13/2021
logo
CUI Devices
CDM1201 CUID-CDM1201 Datasheet
381Kb / 3P
M12 CONNECTOR
M12 CONNECTOR
logo
CUI INC
CDM1201-03A-MP-F16-67 CUI-CDM1201-03A-MP-F16-67 Datasheet
398Kb / 3P
M12 CONNECTOR
12/13/2021
logo
CUI Devices
CDM1201-03A-MP-F16-67 CUID-CDM1201-03A-MP-F16-67 Datasheet
381Kb / 3P
M12 CONNECTOR
M12 CONNECTOR
logo
CUI INC
CDM1201-04A-MP-F16-67 CUI-CDM1201-04A-MP-F16-67 Datasheet
398Kb / 3P
M12 CONNECTOR
12/13/2021
More results

Similar Description - CDM1205-03A-MP-R16-67

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM1204 CUI-CDM1204 Datasheet
382Kb / 3P
M12 CONNECTOR
12/13/2021
CDM1212 CUI-CDM1212 Datasheet
361Kb / 3P
M12 CONNECTOR
12/13/2021
CDM1216 CUI-CDM1216 Datasheet
351Kb / 3P
M12 CONNECTOR
12/14/2021
CDM1219 CUI-CDM1219 Datasheet
365Kb / 3P
M12 CONNECTOR
12/13/2021
CDM1220 CUI-CDM1220 Datasheet
375Kb / 3P
M12 CONNECTOR
12/14/2021
CDM1223 CUI-CDM1223 Datasheet
363Kb / 3P
M12 CONNECTOR
12/14/2021
CDM1224 CUI-CDM1224 Datasheet
370Kb / 3P
M12 CONNECTOR
12/13/2021
CDM1226 CUI-CDM1226 Datasheet
355Kb / 3P
M12 CONNECTOR
12/13/2021
CDM1227 CUI-CDM1227 Datasheet
355Kb / 3P
M12 CONNECTOR
12/13/2021
logo
CUI Devices
CDM1227 CUID-CDM1227 Datasheet
332Kb / 3P
M12 CONNECTOR
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com