Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2002
Description  0-300 MHz I2C 1:18 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2002 Datasheet HTML 1Page - NXP Semiconductors PCK2002 Datasheet HTML 2Page - NXP Semiconductors PCK2002 Datasheet HTML 3Page - NXP Semiconductors PCK2002 Datasheet HTML 4Page - NXP Semiconductors PCK2002 Datasheet HTML 5Page - NXP Semiconductors PCK2002 Datasheet HTML 6Page - NXP Semiconductors PCK2002 Datasheet HTML 7Page - NXP Semiconductors PCK2002 Datasheet HTML 8Page - NXP Semiconductors PCK2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
PCK2002
0–300 MHz I2C 1:18 clock buffer
2
2001 Jul 19
853-2267 26745
FEATURES
• HIGH speed, LOW noise non-inverting 1–18 buffer
• Typically used to support four SDRAM DIMMs
• Multiple V
DD, VSS pins for noise reduction
• 3.3 V operation
• Separate 3-State pin for testing
• ESD protection exceeds 2000 V per Standard 801.2
• Optimized for 66 MHz, 100 MHz and 133 MHz operation
• Typical 175 ps skew outputs
• Available in 48-pin SSOP and TSSOP packages
• See PCK2002M for mobile (reduced pincount) 28-pin 1-10 buffer
version
• Spread spectrum compliant
• Individual clock output enable/disable via I2C
DESCRIPTION
The PCK2002 is a 1–18 fanout buffer used for 133/100 MHz CPU,
66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM
clock distribution. 18 outputs are typically used to support up to
4 SDRAM DIMMS commonly found in desktop, workstation or
server applications.
All clock outputs meet Intel’s drive, rise/fall time, accuracy, and skew
requirements. An I2C interface is included to allow each output to be
enabled/disabled individually. An output disabled via the I2C
interface will be held in the LOW state. In addition, there is an OE
input which 3-States all outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
BUF_IN to BUF_OUTn
VCC = 3.3 V, CL = 30 pF
2.7
2.9
ns
tr
Rise time
VCC = 3.3 V, CL = 30 pF
1.1
ns
tf
Fall time
VCC = 3.3 V, CL = 30 pF
1.0
ns
ICC
Total supply current
VCC = 3.465 V
35
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
48-Pin Plastic TSSOP
0 to +70
°C
PCK2002DGG
SOT362-1
48-Pin Plastic SSOP
0 to +70
°C
PCK2002DL
SOT370-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
RESERVED
RESERVED
VDD0
BUF_OUT0
BUF_OUT1
VSS0
VDD1
BUF_OUT3
BUF_OUT2
VSS1
BUF_IN
VDD2
BUF_OUT4
BUF_OUT5
VSS2
VDD3
BUF_OUT6
BUF_OUT7
VSS3
VDD4
BUF_OUT16
VSS4
VDDI2C
SDA
RESERVED
RESERVED
VDD9
BUF_OUT15
BUF_OUT14
VSS9
VDD8
BUF_OUT13
BUF_OUT12
VSS8
OE
VDD7
BUF_OUT11
BUF_OUT10
VSS7
VDD6
BUF_OUT9
BUF_OUT8
VSS6
VDD5
BUF_OUT17
VSS5
VSSI2C
SCL
SW00731
I2C is a trademark of Philips Semiconductors Corporation.
PIN DESCRIPTION
PIN
NUMBER
I/O
TYPE
SYMBOL
FUNCTION
4, 5, 8, 9
Output
BUF_OUT (0–3)
Buffered clock outputs
13, 14, 17, 18
Output
BUF_OUT (4–7)
Buffered clock outputs
31, 32, 35,
36
Output
BUF_OUT
(8–11)
Buffered clock outputs
40, 41, 44,
45
Output
BUF_OUT
(12–15)
Buffered clock outputs
21, 28
Output
BUF_OUT
(16–17)
Buffered clock outputs
11
Input
BUF_IN
Buffered clock input
38
Input
OE
Active high output
enable
24
I/O
SDA
I2C serial data
25
Input
SCL
I2C serial clock
3, 7, 12, 16,
20, 29, 33,
37, 42, 46
Input
VDD (0–9)
3.3 V Power supply
6, 10, 15,
19, 22,
27, 30, 34,
39, 43
Input
VSS (0–9)
Ground
23
Input
VDDI2C
3.3 V I2C Power
supply
26
Input
VSSI2C
I2C Ground
1, 2, 47, 48
n/a
RESERVED
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com