Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC8013Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPC8013Q
Description  SP4T Switch For LTE Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC8013Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPC8013Q Datasheet HTML 1Page - Qorvo, Inc QPC8013Q Datasheet HTML 2Page - Qorvo, Inc QPC8013Q Datasheet HTML 3Page - Qorvo, Inc QPC8013Q Datasheet HTML 4Page - Qorvo, Inc QPC8013Q Datasheet HTML 5Page - Qorvo, Inc QPC8013Q Datasheet HTML 6Page - Qorvo, Inc QPC8013Q Datasheet HTML 7Page - Qorvo, Inc QPC8013Q Datasheet HTML 8Page - Qorvo, Inc QPC8013Q Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
QPC8013Q
SP4T Switch For LTE Applications
QPC8013Q Datasheet Rev B | Subject to change without notice
4 of 17
www.qorvo.com
* See tuning schematic for 5000MHz to 6000MHz insertion loss
(1) Recommended EVB schematic / layout / BOM / PCB should be followed in order to achieve specified performance.
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VSWR
617 MHz to 960 MHz
1.19
:1
1710MHz to 2700MHz
1.27
:1
3300MHz to 4200MHz
1.54
:1
4400MHz to 5000MHz
1.68
:1
5100MHz to 6000MHz
1.84
:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com