Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8241LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 8241LS
Description  8241LS - 75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, LSZH-C Jkt, SWA, LSZH-C Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8241LS Datasheet(HTML) 1 Page - Belden Inc.

  8241LS Datasheet HTML 1Page - Belden Inc. 8241LS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8241LS
8241LS - 75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC
Braid, LSZH-C Jkt, SWA, LSZH-C Jkt
Product Description
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid Bare Copper Covered Steel Conductor , PE Insulation, 95% Bare Copper Braid Shield, LSZH Inner Jacket,
Steel Wire Armored, LSZH Outer Jacket. IEC 60332-3-24.
Technical Specifications
Product Overview
Suitable Applications:
Standard analog video
Construction Details
RG Type:
59
Conductor
No. of Elements
Size
Stranding
Material
1
23 AWG Solid
BCCS - Bare Copper Covered Steel
Insulation
Material
Nom. Insulation Diameter
PE - Polyethylene 3.71 mm (0.146 in)
Inner Shield
Shield Type
Material
Coverage
Braid
Bare Copper (BC) 95%
Inner Jacket
Material
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.1 mm (0.24 in)
Armor
Armor Type & Material
Armor Thickness Coverage
SWA - Steel Wire Armor 0.9 mm (0.035 in)
Min. 95%
Outer Jacket
Material
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 10.5 mm (0.413 in)
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
1.97 dB/100m
10 MHz
3.01 dB/100m
50 MHz
3.61 dB/100m
100 MHz
7.87 dB/100m
200 MHz
11.15 dB/100m
400 MHz
16.08 dB/100m
700 MHz
22.97 dB/100m


Similar Part No. - 8241LS

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8241 FILTRAN-8241 Datasheet
198Kb / 1P
LAN 10/100 BASE-T Single Port Transformer Modules
logo
Mallory performance clu...
8241 MALLORY-8241 Datasheet
995Kb / 2P
MSD Blaster Ford 4-Tower Coil Pack
logo
API Technologies Corp
8241 APITECH-8241 Datasheet
659Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Belden Inc.
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
logo
Santronics Inc
8241 SCS-8241 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
More results

Similar Description - 8241LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4505R BELDEN-4505R Datasheet
242Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4855P BELDEN-4855P Datasheet
113Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4855R BELDEN-4855R Datasheet
244Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
77905ELV BELDEN-77905ELV Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com