Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28MH080 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # 28MH080
Description  Specially customized for use in power tool battery packs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

28MH080 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  28MH080 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Fuse | 37
28MH
7.3 x 5.8 x 4.0 mm (2923)
Specially customized for use in power
tool battery packs
Electrical Characteristics
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
20A - 125A
TUV
20A - 100A
Packaging
Packaging Option
Quantity
On Tape
1,000 pcs / reel
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Termination: Copper(Cu),
Tin(Sn)
Element: Copper(Cu),
Tin(Sn)
Product Characteristics
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
28MH 020
20A
80V
0.00200
162.00
28MH 030
30A
0.00120
369.00
28MH 040
40A
0.00100
521.00
28MH 050
50A
0.00080
1208.0
28MH 060
60A
0.00065
1616.0
28MH 080
80A
0.00055
2624.0
28MH 100
100A
0.00040
6631.0
28MH 125
125A
0.00030
17692
* Measured at ≤ 10% of rated current at 25º C
* Melting I2t at 1000% of current rating
1500 amperes at 80V DC
Interrupting Rating
Ampere
Rating
Opening Time
1 In
2.5 In
MIN
MAX
20A - 125A
4 hr
60 sec
Mechanical Dimensions (mm)
7.3±0.5
Recommended Land Pattern
2.7
4.4
Reflow Solder
28MH


Similar Part No. - 28MH080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
28M0 MICROSEMI-28M0 Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
28M0B MICROSEMI-28M0B Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
28M0BC MICROSEMI-28M0BC Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
28M0BS MICROSEMI-28M0BS Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
28M0D MICROSEMI-28M0D Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
More results

Similar Description - 28MH080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
Fast-Charge IC for Dual-Battery Packs
logo
BesTech Power Co., Ltd
HCX-D095 BESTECH-HCX-D095 Datasheet
299Kb / 1P
For 32V 10S LiFePO4 Battery Packs
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
For 64V 20S LiFePO4 Battery Packs
HCX-D131 BESTECH-HCX-D131 Datasheet
189Kb / 1P
For 76.8V 24S LiFePO4 Battery Packs
logo
HYCON Technology Corpor...
HY2112 HYCON-HY2112 Datasheet
766Kb / 17P
Battery Packs Protection ICs
HY2116 HYCON-HY2116 Datasheet
1Mb / 32P
Battery Packs Protection ICs
HY2118 HYCON-HY2118 Datasheet
1Mb / 33P
Battery Packs Protection ICs
logo
Bel Fuse Inc.
0ACA-9200-XX BEL-0ACA-9200-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
logo
Samsung semiconductor
INR18650-13Q SAMSUNG-INR18650-13Q Datasheet
444Kb / 18P
Lithium-ion Battery for power tool
1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com