Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC080 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # BMC080
Description  Ideal for use in electric vehicles charging protection boards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

BMC080 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  BMC080 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Fuse | 97
BMC
17.4Ø x 42 mm
Ideal for use in electric vehicles
charging protection boards
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
25A - 180A
CCC
50A - 180A
Interrupting Rating
160,000 amperes at 240V AC
50,000 amperes at 150V DC
Packaging
Packaging Option
Quantity
Bulk
10 pcs / box
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic /
Caps: Tin Plated
Copper Alloy /
Terminal: Tin Plated
Copper
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Watts Loss
100% In
(W)
Clearing at
240V l2t
(A2 sec.)
BMC 050
50A
240V
0.00183
8.800
2463.00
BMC 060
60A
0.00156
11.00
3574.30
BMC 070
70A
0.00117
12.50
4047.00
BMC 080
80A
0.00098
13.70
5447.00
BMC 100
100A
0.00072
16.20
8352.00
BMC 125
125A
0.00060
22.00
10077.0
BMC 150
150A
0.00049
25.00
15100.0
BMC 180
180A
0.00038
25.00
17268.0
Mechanical Dimensions(mm)
42.0±3.0
9.7±1.8
17.4±0.3
26.75±2.45
56.0±2.4
BMC


Similar Part No. - BMC080

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BMC0805HF-10NK BITECH-BMC0805HF-10NK Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BMC0805HF-12NK BITECH-BMC0805HF-12NK Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BMC0805HF-15NK BITECH-BMC0805HF-15NK Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BMC0805HF-18NK BITECH-BMC0805HF-18NK Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BMC0805HF-1N5S BITECH-BMC0805HF-1N5S Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
More results

Similar Description - BMC080

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
designed specially for electric vehicles
EVX12400 CSB-BATTERY-EVX12400 Datasheet
513Kb / 2P
designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
Designed specially for electric vehicles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com