Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9948 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 2 Page - Analog Devices

  AD9948 Datasheet HTML 1Page - Analog Devices AD9948 Datasheet HTML 2Page - Analog Devices AD9948 Datasheet HTML 3Page - Analog Devices AD9948 Datasheet HTML 4Page - Analog Devices AD9948 Datasheet HTML 5Page - Analog Devices AD9948 Datasheet HTML 6Page - Analog Devices AD9948 Datasheet HTML 7Page - Analog Devices AD9948 Datasheet HTML 8Page - Analog Devices AD9948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. 0
–2–
AD9948–SPECIFICATIONS
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
CLI INPUT
High Level Input Voltage
(TCVDD/2 + 0.5 V)
VIH–CLI
1.85
V
Low Level Input Voltage
VIL–CLI
0.85
V
RG AND H-DRIVER OUTPUTS
High Level Output Voltage
(RGVDD – 0.5 V and HVDD – 0.5 V)
VOH
2.2
V
Low Level Output Voltage
VOL
0.5
V
Maximum Output Current (Programmable)
30
mA
Maximum Load Capacitance
100
pF
Specifications subject to change without notice.
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
MAXIMUM CLOCK RATE
25
MHz
POWER SUPPLY VOLTAGE
AVDD, TCVDD (AFE, Timing Core)
2.7
3.0
3.6
V
HVDD (H1–H4 Drivers)
2.7
3.0
3.6
V
RGVDD (RG Driver)
2.7
3.0
3.6
V
DRVDD (D0–D9 Drivers)
2.7
3.0
3.6
V
DVDD (All Other Digital)
2.7
3.0
3.6
V
POWER DISSIPATION
25 MHz, HVDD = RGVDD = 3 V, 100 pF H1–H4 Loading
*
220
mW
Total Shutdown Mode
1
mW
*The total power dissipated by the HVDD supply may be approximated using the equation
Total HVDD Power
C
HVDD
Pixel Frequency
HVDD
Number of H
Outputs Used
LOAD
=×
×
×
×
−
()
(
)
Reducing the H-loading, using only two of the outputs, and/or using a lower HVDD supply will reduce the power dissipation.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = DRVDD = HVDD = RGVDD = 2.7 V, CL = 20 pF, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com