Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6F-K6F-R Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # K6F-K6F-R
Description  10Ø x 38 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

K6F-K6F-R Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  K6F-K6F-R Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Fuse
|
89
K6F/K6F-R
10Ø x 38 mm
Over current protection in solar system
Agency Approvals
Agency
Ampere Rating
Certified products for U.S.
and Canada
6A - 30A
TUV
15A - 30A
CQC
15A - 30A
Electrical Characteristics
Ampere
Rating
Opening Time
1 ln 1.13 ln
1.35 ln
1.45 ln
2 ln
MIN
MIN
MIN
MAX
MIN
MAX
MIN
MAX
6A - 12A
4
hr
-
-
60
min
-
-
-
120
sec
15A - 30A
4
hr
60
min
-
60
min
-
60
min
-
240
sec
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Watts Loss
70% In
(W)
Watts Loss
100% In
(W)
Nominal
Melting l2t
(A2 sec.)
K6F/K6F-R 006
6A
600V
0.0268
1.05
2.4
50.72
K6F/K6F-R 008
8A
0.0161
1.16
2.64
113.69
K6F/K6F-R 010
10A
0.0118
1.26
2.90
214.80
K6F/K6F-R 012
12A
0.0108
1.7
4.3
258.19
K6F/K6F-R 015
15A
0.0081
2.2
5.4
51.64
K6F/K6F-R 020
20A
0.0049
2.6
6.3
206.48
K6F/K6F-R 025
25A
0.0037
3.1
6.9
1067.18
K6F/K6F-R 030
30A
0.0028
3.5
7.6
1740.00
Packaging
Packaging Option
Quantity
Bulk
K6F:
10 pcs / inner box
10 inner box / outside box
K6F-R:
50 pcs / set
20 set / box
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic /
Caps: Nickel Plated
Copper Alloy /
Terminal: Tin Plated
Copper
Mechanical Dimensions(mm)
K6F-R
39.35±0.5
K6F
38.0±0.6
Interrupting Rating: 6A-12A
UL248-14
100,000 amperes at 600V AC
100,000 amperes at 600V DC
Interrupting Rating: 15A-30A
UL248-14
150,000 amperes at 600V AC
50,000 amperes at 600V DC
UL248-19
50,000 amperes at 600V DC
IEC60269-6
GB / T13539.6
10,000 amperes at 600V DC


Similar Part No. - K6F-K6F-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
K6F1008V2C-F SAMSUNG-K6F1008V2C-F Datasheet
126Kb / 9P
128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
K6F1008V2C-YF55 SAMSUNG-K6F1008V2C-YF55 Datasheet
126Kb / 9P
128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
K6F1008V2C-YF70 SAMSUNG-K6F1008V2C-YF70 Datasheet
126Kb / 9P
128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F-K6F-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB1212SHE ETC-AFB1212SHE Datasheet
87Kb / 1P
120 x 120 x 38 MM SERIES
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
100 x 100 x 38 MM SERIES
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
120 x 120 x 38 MM SERIES
PFB0924DHE ETC2-PFB0924DHE Datasheet
471Kb / 1P
92 x 92 x 38 MM SERIES
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
92 x 92 x 38 MM SERIES
PFB1224UHE ETC2-PFB1224UHE Datasheet
479Kb / 1P
120 x 120 x 38 MM SERIES
logo
Delta Electronics, Inc.
QFR DELTA-QFR Datasheet
256Kb / 1P
QFR 120 x 120 x 38 MM SERIES
FFB1424GHE DELTA-FFB1424GHE Datasheet
929Kb / 1P
140 x 140 x 38 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com