Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF.080 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # MSF.080
Description  8.35 x 4.3 x 7.7 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

MSF.080 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  MSF.080 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature Fuse | 49
MSF
8.35 x 4.3 x 7.7 mm
Agency Approvals
Agency
Ampere Rating
UL Recognized
50mA - 6.3A
VDE
50mA - 6.3A
CSA Acceptance
50mA - 6.3A
PSE
1A - 6.3A
CCC
50mA - 6.3A
Electrical Characteristics
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Base and Cover: Black
thermoplastic, UL 94-V0
Round Pins: Tin Plated
Copper
Packaging Option
Quantity
In Bulk
1,000 pcs / box
On Tape
1,000 pcs / box
Packaging
Ampere
Rating
Opening Time
1.5 ln
2.1 ln
2.75 ln
4 ln
10 In
MIN
MAX
MIN
MAX
MIN
MAX
MAX
50mA - 5A
60
min
30
min
10
ms
3
sec
3
ms
300
ms
20
ms
6.3A
60
min
30
min
50
ms
10
sec
5
ms
400
ms
20
ms
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
MSF .050
50mA
250V
5.4500
850
0.003000
MSF .063
63mA
2.8020
750
0.001429
MSF .080
80mA
1.7100
650
0.007258
MSF .100
100mA
1.1600
600
0.009000
MSF .125
125mA
0.6730
550
0.012656
MSF .160
160mA
1.4923
500
0.023040
MSF .200
200mA
1.0965
480
0.032400
MSF .250
250mA
0.7007
440
0.081563
MSF .315
315mA
0.3820
400
0.093768
MSF .400
400mA
0.3006
370
0.129600
MSF .500
500mA
0.2471
350
0.303750
MSF .630
630mA
0.1460
320
0.375071
MSF .800
800mA
0.1040
300
0.691200
MSF 001
1A
0.0800
280
0.720000
MSF 1.25
1.25A
0.0581
280
1.125000
MSF 1.60
1.6A
0.0406
250
2.188800
MSF 002
2A
0.0330
240
3.600000
MSF 2.50
2.5A
0.0229
200
7.031250
MSF 3.15
3.15A
0.0179
180
8.037225
MSF 004
4A
0.0133
160
19.44000
MSF 005
5A
0.0109
150
21.37500
MSF 6.30
6.3A
0.0087
130
46.43730
Fast-Acting Fuse
Interrupting Rating
35 amperes or 10 x rated current; whichever is
greater at 250V AC.
Mechanical Dimensions (mm)
8.35±0.5
Short Leads
5.08±0.2
Ø0.62±0.1
Long Leads
MSF


Similar Part No. - MSF.080

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF SCHURTER-MSF Datasheet
505Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
logo
Interpoint Corporation ...
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461/ES INTERPOINT-MSF-461/ES Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
MINI JUMPER CLOSED TYPE
logo
Shenzhen Meipusen Semic...
MSF06065V1 MAPLESMI-MSF06065V1 Datasheet
294Kb / 5P
650V Silicon Carbide Diode
More results

Similar Description - MSF.080

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
WAGO Kontakttechnik Gmb...
762-4301-8000-002 WAGO-762-4301-8000-002 Datasheet
284Kb / 7P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET, 2 x USB
762-4201-8000-001 WAGO-762-4201-8000-001 Datasheet
263Kb / 6P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET
762-4101 WAGO-762-4101 Datasheet
247Kb / 5P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x USB, 2 x ETHERNET;
762-3000 WAGO-762-3000 Datasheet
384Kb / 6P
Web Panel; 10.9 cm (4.3"); 480 x 272 pixels; 2 x USB, 2 x ETHERNET
762-6201-8000-001 WAGO-762-6201-8000-001 Datasheet
251Kb / 6P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET, 2 x USB
762-6301-8000-002 WAGO-762-6301-8000-002 Datasheet
267Kb / 6P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET, 2 x USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com