Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF.080 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # SEF.080
Description  6.1 x 2.6 x 2.6 mm (2410)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

SEF.080 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  SEF.080 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Fuse
|
29
SEF(G)
6.1 x 2.6 x 2.6 mm (2410)
Agency Approvals
Agency
Ampere Rating
Certified products for U.S.
and Canada
62mA - 5A
Recognized Component
for Canada and US
6A - 40A
CSA Certified
62mA - 10A
PSE
1A - 15A
Electrical Characteristics
Ampere
Rating
Opening Time
1 ln
2 In
MIN
MAX
62mA - 10A
4 hr
5 sec
12A - 40A
4 hr
60 sec
Fast-Acting Fuse
Protects base stations from overcurrent
damage
Interrupting Rating
62mA - 10A:
50 amperes at 125V AC/DC
300 amperes at 32V DC
12A - 15A:
50 amperes at 65V AC/DC
200 amperes at 86V AC/DC
300 amperes at 24V DC
20A - 25A:
50 amperes at 65V AC/DC
300 amperes at 24V DC
30A-35A:
60 amperes at 80V AC/DC
40A:
80 amperes at 65V AC/DC
Packaging
Packaging Option
Quantity
On Tape
1,000 pcs / reel
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Termination: Gold Plated
Brass Caps
Product Characteristics
Mechanical Dimensions (mm)
6.1±0.2
1.45±0.1
2.6±0.1
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
SEF .062
62mA(1/16A)
125V
6.6530
0.000961
SEF .080
80mA
4.9740
0.001000
SEF .100
100mA
5.8165
0.001500
SEF .125
125mA
5.8395
0.003120
SEF .200
200mA
2.0195
0.008000
SEF .250
250mA
1.1050
0.009380
SEF .315
315mA
0.8554
0.018000
SEF .375
375mA
0.7819
0.021100
SEF .400
400mA
0.5200
0.032000
SEF .500
500mA
0.4895
0.037500
SEF .750
750mA
0.2425
0.153100
SEF 001
1A
0.1407
0.385000
SEF 1.50
1.5A
0.1130
0.725000
SEF 002
2A
0.0594
0.894000
SEF 2.50
2.5A
0.0384
1.182000
SEF 003
3A
0.0333
1.475000
SEF 3.15
3.15A
0.0296
1.655000
SEF 3.50
3.5A
0.0268
2.055000
SEF 004
4A
0.0209
3.882000
SEF 005
5A
0.0179
5.480000
SEF 006
6A
0.0117
8.520000
SEF 007
7A
0.0104
9.931000
SEF 008
8A
0.0095
18.82000
SEF 010
10A
0.0067
22.50000
SEF 012
12A
65V*1
0.0042
43.20000
SEF 015
15A
0.0029
112.5000
SEF 020
20A
65V
0.0025
141.5200
SEF 025
25A
0.0019
246.5536
SEF 030
30A
80V
0.0018
365.4000
SEF 035
35A
0.0016
420.9100
SEF 040
40A
65V
0.0015
503.6800
*1: 86V optional
SEF(G)


Similar Part No. - SEF.080

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SEF-2012 SUMIDA-SEF-2012 Datasheet
314Kb / 2P
Multilayer Chip LC Filters
SEF-2012-220-JB SUMIDA-SEF-2012-220-JB Datasheet
314Kb / 2P
Multilayer Chip LC Filters
SEF-2012-220-JL SUMIDA-SEF-2012-220-JL Datasheet
314Kb / 2P
Multilayer Chip LC Filters
SEF-2012-220-JT SUMIDA-SEF-2012-220-JT Datasheet
314Kb / 2P
Multilayer Chip LC Filters
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
Solid Optical Fingerprint Sensor
More results

Similar Description - SEF.080

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPH PANASONIC-LN221RPH Datasheet
30Kb / 1P
2.6 mm Series
LN221RPX PANASONIC-LN221RPX Datasheet
30Kb / 1P
2.6 mm Series
logo
Schurter Inc.
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
logo
ORION FANS
OA180APL ORIONFANS-OA180APL Datasheet
1Mb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1' x 2.6')
logo
API Technologies Corp
CMD191 APITECH-CMD191 Datasheet
113Kb / 1P
2.6 Duplexer
logo
TOKO, Inc
DEM2612C TOKO-DEM2612C Datasheet
102Kb / 1P
Low profile (2.6 x 2.8 mm square, 1.2mm Max.height).
logo
ORION FANS
OA180ANL-METAL ORIONFANS-OA180ANL-METAL Datasheet
515Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180APL ORIONFANS-OA180APL_16 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
logo
Schurter Inc.
PFUF SCHURTER-PFUF_V02 Datasheet
357Kb / 4P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com