Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SET Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # SET
Description  6.1 x 2.6 x 2.6 mm (2410)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

SET Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  SET Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30 |
Surface Mount Fuse
SET(G)
6.1 x 2.6 x 2.6 mm (2410)
Electrical Characteristics
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
200mA - 7A
CSA Certified
200mA - 7A
PSE
1A - 7A
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
SET .200
200mA
125V
1.5751
0.0600
SET .250
250mA
1.2585
0.0680
SET .300
300mA
1.2512
0.0900
SET .350
350mA
0.9366
0.1000
SET .375
375mA
0.5232
0.2109
SET .400
400mA
0.5150
0.2400
SET .500
500mA
0.3291
0.3750
SET .750
750mA
0.1600
0.6260
SET 001
1A
0.1090
1.9090
SET 1.50
1.5A
0.0511
3.8350
SET 002
2A
0.0550
8.5600
SET 2.50
2.5A
0.0287
16.550
SET 003
3A
0.0228
22.540
SET 3.15
3.15A
0.0224
23.000
SET 3.50
3.5A
0.0190
29.400
SET 004
4A
0.0140
35.820
SET 005
5A
0.0130
54.800
SET 006
6A
0.0090
64.800
SET 007
7A
0.0074
89.830
Ampere
Rating
Opening Time
1 ln
2 In
3 In
8 In
MIN
MIN
MAX
MIN
MAX
MIN
MAX
200mA - 7A
4 hr
1 sec 60 sec 0.2 sec 3 sec 0.02 sec 0.1 sec
Time-Lag Fuse
Inrush current withstand capability
50 amperes at 125V AC/DC
300 amperes at 32V DC
Interrupting Rating
Packaging
Packaging Option
Quantity
On Tape
1,000 pcs / reel
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Termination: Gold Plated
Brass Caps
Product Characteristics
Mechanical Dimensions (mm)
6.1±0.2
1.45±0.1
2.6±0.1
SET(G)


Similar Part No. - SET

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
logo
Micro Electronics
SET-0901 MICRO-ELECTRONICS-SET-0901 Datasheet
568Kb / 3P
SMD MODEM TRANSFORMER
SET-0902 MICRO-ELECTRONICS-SET-0902 Datasheet
568Kb / 3P
SMD MODEM TRANSFORMER
logo
StarHope
SET-SPE06R SPSEMI-SET-SPE06R Datasheet
120Kb / 4P
Surge & ESD Protection Device SPE06R Series
SET-SPE06S SPSEMI-SET-SPE06S Datasheet
124Kb / 4P
Surge & ESD Protection Device SPE06S Series
More results

Similar Description - SET

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPH PANASONIC-LN221RPH Datasheet
30Kb / 1P
2.6 mm Series
LN221RPX PANASONIC-LN221RPX Datasheet
30Kb / 1P
2.6 mm Series
logo
Schurter Inc.
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
logo
ORION FANS
OA180APL ORIONFANS-OA180APL Datasheet
1Mb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1' x 2.6')
logo
API Technologies Corp
CMD191 APITECH-CMD191 Datasheet
113Kb / 1P
2.6 Duplexer
logo
TOKO, Inc
DEM2612C TOKO-DEM2612C Datasheet
102Kb / 1P
Low profile (2.6 x 2.8 mm square, 1.2mm Max.height).
logo
ORION FANS
OA180ANL-METAL ORIONFANS-OA180ANL-METAL Datasheet
515Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180APL ORIONFANS-OA180APL_16 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
logo
Schurter Inc.
PFUF SCHURTER-PFUF_V02 Datasheet
357Kb / 4P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com