Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM10 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MBRM10
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM10 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MBRM10 Datasheet HTML 7Page - ON Semiconductor MBRM10 Datasheet HTML 8Page - ON Semiconductor MBRM10 Datasheet HTML 9Page - ON Semiconductor MBRM10 Datasheet HTML 10Page - ON Semiconductor MBRM10 Datasheet HTML 11Page - ON Semiconductor MBRM10 Datasheet HTML 12Page - ON Semiconductor MBRM10 Datasheet HTML 13Page - ON Semiconductor MBRM10 Datasheet HTML 14Page - ON Semiconductor MBRM10 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Page 11
ON Semiconductor
Transient Voltage Protection Devices for I/O
TVS Protection Devices
Device
Description
Package
Dimensions
(mm) L x W x H
Surge Rating
8 x 0 μs
ESD Rating
IEC61000-4-2
Contact
ESD9X Series
TVS and ESD Protection Diode
SOD-9
1.0 x 0.6 x 0.
Up to 10 W
0 kV
μESDxxS Series
TVS and ESD Protection Diode
SOD-7
1. x 0.6 x 0.5
Up to 18 W
0 kV
μESDxxD Series
Dual TVS and ESD Protection Diode
SOT-7
1. x 1. x 0.5
—
 kV
ESD5B Series
Bi-directional TVS and ESD Protection Diode
SOD-5
1.6 x 0.8 x 0.6
—
0 kV
ESD5Z Series
TVS and ESD Protection Diode
SOD-5
1.6 x 0.8 x 0.6
Up to 0 W
0 kV
NZL Series
Dual TVS and ESD Protection Diode
SC-89
1.6 x 1.6 x 0.7
—
 kV
SM05 Series
Dual ESD Protection Diode
SOT-
.9 x . x 1.0
Up to 00 W
15 kV
NZQA Series
Quad TVS Array
SOT-55
1.6 x 1.6 x 0.55
Up to 100 W
9 kV
NUP5V6 Series
Quad TVS Array
SOT-95
1.0 x 1.0 x 0.5
—
8 kV
NUP510 Series
Penta TVS Array
SOT-56
1.6 x 1.6 x 0.55
Up to 90 W
8 kV
NUP0/0 Series
Single and Dual Port USB .0
SC-88
.0 x .1 x 1.0
Up to 500 W
0 kV
NUP8010 Series
Eight Line TVS Array
DFN-8
1.6 x 1.6 x 1.0
Up to 0 W
8 kV
IEC61000-4-2 Contact Positive Pulse
IEC61000-4-2 Contact Negative Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com