Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607BC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT3607BC
Description  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT3607BC Datasheet HTML 1Page - Richtek Technology Corporation RT3607BC Datasheet HTML 2Page - Richtek Technology Corporation RT3607BC Datasheet HTML 3Page - Richtek Technology Corporation RT3607BC Datasheet HTML 4Page - Richtek Technology Corporation RT3607BC Datasheet HTML 5Page - Richtek Technology Corporation RT3607BC Datasheet HTML 6Page - Richtek Technology Corporation RT3607BC Datasheet HTML 7Page - Richtek Technology Corporation RT3607BC Datasheet HTML 8Page - Richtek Technology Corporation RT3607BC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
RT3607BC
www.richtek.com
DS3607BC-01 June 2018
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configuration
(TOP VIEW)
WQFN-60L 7x7
Marking Information
RT3607BCGQW : Product Number
YMDNN : Date Code
Pin No
Pin Name
Pin Function
2
PGOOD
VR ready indicator.
3
TONSET
CORE rail VR on-time setting. An on-time setting resistor is connected from this pin
to input voltage.
4
TSEN
Thermal sense input for CORE rail VR.
8, 9, 5, 12
ISEN[1:4]P
Positive current sense inputs of multi-phase CORE rail VR channel 1, 2, 3 and 4.
7, 10, 6, 11
ISEN[1:4]N
Negative current sense inputs of multi-phase CORE rail VR channel 1, 2, 3 and 4.
13
FB
Negative input of the error amplifier. This pin is for CORE rail VR output voltage
feedback to controller.
14
COMP
CORE rail VR compensation. This pin is the error amplifier output pin.
15
VSEN
CORE rail VR voltage sense input. This pin is connected to the terminal of CORE
rail VR output voltage.
16
RGND
Return ground for CORE rail VR. This pin is the negative node of the differential
remote voltage sensing.
17
SET1
1st platform setting. Platform can use this pin to set Enable Zero load-line, DVID
threshold and ICCMAX for CORE VR.
18
SET2
2nd platform setting. Platform can use this pin to set Ramp Setting, QRTH, and OCS
for CORE VR. Moreover, SET2 pin features a special function for users to confirm
the soldering condition of the controller under zero VBOOT condition. Connect the
SET2 pin to 5V and turn on the EN pin, if the soldering is good, both rails output
0.8V.
RT3607BC
GQW
YMDNN
Package Type
QW : WQFN-60L 7x7 (W-Type)
RT3607BC
Lead Plating System
G : Green (Halogen Free and Pb Free)
BOOT3
TSEN
TONSET
ISEN4P
ISEN4N
ISEN2N
ISEN2P
ISEN1P
ISEN1N
ISEN3P
ISEN3N
PGOOD
0LL_EN
TSENA
TONSETA
VSENA
COMPA
FBA
ISENA2N
ISENA2P
ISENA1N
ISENA1P
DVD
RGNDA
IBIAS
VCC
FB
COMP
VSEN
OFSA/PSYS
GND
61
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
51
52
53
54
55
56
57
58
59
60
46
47
48
49
50
27
26
25
24
23
22
21
20
19
18
17
16
30
29
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com