Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8211G-R20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8211G-R20-R
Description  FET BIAS CONTROLLER WITH POLARIZATION SWITCH AND TONE DETECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8211G-R20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8211G-R20-R Datasheet HTML 1Page - Unisonic Technologies L8211G-R20-R Datasheet HTML 2Page - Unisonic Technologies L8211G-R20-R Datasheet HTML 3Page - Unisonic Technologies L8211G-R20-R Datasheet HTML 4Page - Unisonic Technologies L8211G-R20-R Datasheet HTML 5Page - Unisonic Technologies L8211G-R20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L8211
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R123-008,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.6 ~ +12
V
Supply Current
ICC
100
mA
Input Voltage
VIN
25 Continuous
V
Drain Current (per FET)(set by RCAL)
ID
0 ~ 15
mA
Power Dissipation(Ta=25°C)
PD
600
mW
Operating Temperature
TOPR
-40~+70
°C
Storage Temperature
TSTG
-50~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta=25°C, VCC=5V, ID=10mA, RCAL=33KΩ, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
5
10
V
Supply Current
ICC
ID1 to ID3=0
6
15
mA
ID1 =0, ID2 to ID3=10mA,VPOL=14V
25
35
mA
ID2=0, ID1 to ID3=10mA,VPOL=15.5V
25
35
mA
ID1 to ID3=0,ILB=10mA
16
25
mA
ID1 to ID3=0,IHB=10mA
16
25
mA
Substrate Voltage
VSUB
(Internally generated) ISUB =0
-3.5
-3
-2.5
V
ISUB = -200µA
-2.4
V
Output Noise
Gate Voltage
ENG
CG=4.7nF,CD=10nF
0.005
Vpkpk
Drain Voltage
END
CG=4.7nF,CD=10nF
0.02
Vpkpk
Oscillator Freq
fO
200
350
800
kHz
GATE CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Current Range
IGO
-30
2000
µA
Output Voltage
Gate 1
Off
VG1O
ID1=0mA, VPOL=14V, IGO1=0µA
-0.05
0
0.05
V
Low
VG1L
ID1=12mA, VPOL=15.5V, IGO1=-10µA
-2.7
-2.4
-2
V
High
VG1H
ID1=8mA, VPOL=15.5V, IGO1=0µA
0.4
0.75
1.0
V
Output Voltage
Gate 2
Off
VG2O
ID2=0mA, VPOL=15.5V, IGO2=0µA
-0.05
0
0.05
V
Low
VG2L
ID2=12mA, VPOL=14V, IGO2=-10µA
-2.7
-2.4
-2
High
VG2H
ID2=8mA, VPOL=14V, IGO2=0µA
0.4
0.75
1.0
Output Voltage
Gate 3
Low
VG3L
ID3=12mA, IGO3=-10µA
-3.5
-2.9
-2
V
High
VG3H
ID3=8mA, IGO3=0µA
0.4
0.75
1.0
DRAIN CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current
ID
8
10
12
mA
Current Change
With VCC
IDV
VCC=5 ~ 10V
0.5
%/V
With TJ
IDT
TJ =-40 ~ +70°C
0.05
%/°C
Drain 1 Voltage: High
VD1
ID1=10mA,VPOL=15.5V
1.8
2
2.2
V
Drain 2 Voltage: High
VD2
ID2=10mA,VPOL=14V
1.8
2
2.2
V
Drain 3 Voltage: High
VD3
ID3=10mA
1.8
2
2.2
V
Voltage Change
With VCC
VDV
VCC =5 ~ 10V
0.5
%/V
With TJ
VDT
TJ =-40 ~ +70°C
50
ppm
Leakage Current
Drain 1
ILEAK1
VD1=0.5V,VPOL=14V
10
µA
Drain 2
ILEAK2
VD2=0.5V,VPOL=15.5V
10
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com