Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS2000TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZLLS2000TC
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS2000TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZLLS2000TC Datasheet HTML 1Page - Zetex Semiconductors ZLLS2000TC Datasheet HTML 2Page - Zetex Semiconductors ZLLS2000TC Datasheet HTML 3Page - Zetex Semiconductors ZLLS2000TC Datasheet HTML 4Page - Zetex Semiconductors ZLLS2000TC Datasheet HTML 5Page - Zetex Semiconductors ZLLS2000TC Datasheet HTML 6Page - Zetex Semiconductors ZLLS2000TC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Operational efficiency chart
The operational efficiency chart indicates the beneficial use of the ZLLS series diodes in applications requiring
higher voltage, higher temperature operation. Circuits requiring low voltage low temperature operation will
benefit from using Zetex low VF ZHCS series diodes.
ZLLS2000
SEMICO NDUC TORS
ISSUE 4 - APRIL 2007
4
SCHOTTKY DIODE CHARACTERISTICS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Reverse breakdown voltage
V
(BR)R
40
V
I
R=1mA
Forward voltage
V
F
260
290
322
345
395
440
475
550
465
-
-
-
370
430
490
540
640
mV
mV
mV
mV
mV
mV
mV
mV
I
F=50 mA*
I
F=100 mA*
I
F=250mA*
I
F=500mA*
I
F=1000mA*
I
F=1500mA*
I
F=2000mA*
I
F=3000mA*
I
F=2000mA*,Ta = 100 C
Reverse current
I
R
25
1.7
40
A
mA
V
R=30V
V
R=30V, Ta=85 C
Diode capacitance
C
D
65
pF
f=1MHz,V
R=30V
Reverse recovery time
Reverse recovery charge
t
rr
Q
rr
6
685
ns
pC
Switched from
I
F = 500mA
to V
R =5.5V
Measured @ I
R 50mA.
di / d t > 500mA / ns.
Rsource = 6 ;Rload= 10
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle
2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com