Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS514113 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS514113
Description  AC-DC Offline Switching Controllers/Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS514113 Datasheet(HTML) 4 Page - ON Semiconductor

  CS514113 Datasheet HTML 1Page - ON Semiconductor CS514113 Datasheet HTML 2Page - ON Semiconductor CS514113 Datasheet HTML 3Page - ON Semiconductor CS514113 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BRD8054/D
BRD8054-1 PRINTED IN USA 04/06 IRONWOOD XXXX 5K
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee
regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for
each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant
into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such
unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
LITERATURE FULFILLMENT:
LiteratureDistributionCenterforONSemiconductor
P.O.Box61312,Phoenix,Arizona85082-1312USA
Phone:480-829-7710or800-344-3860TollFreeUSA/Canada
Fax:480-829-7709or800-344-3867TollFreeUSA/Canada
Email:orderlit@onsemi.com
N. American Technical Support:800-282-9855TollFree
USA/Canada.
JAPAN:ONSemiconductor,JapanCustomerFocusCenter
2-9-1Kamimeguro,Meguro-ku,Tokyo,Japan153-0051
Phone:81-3-5773-3850
ON Semiconductor Website:www.onsemi.com
Order Literature:http://www.onsemi.com/orderlit
Foradditionalinformation,pleasecontactyourlocal
SalesRepresentative
PUBLICATION ORDERING INFORMATION
Clock Management
Clock Management
Clock Distribution
MC100LVEP1xx, NB7L11/14, MC100EP10/809, NB6L11/14,
NBSG11/14/111, MC100LVEPX, NB4N11M/S
Clock Synthesis
NBC14xx, NB4N507
EMI Suppression Clocks
NB5xx, NB6xx, NB7xx, NB8xx, NB9xx
Skew Management
MC100EP195, MC100EP196, MC10/100E195, MC10/100E196
Zero Delay Buffers
NB30x
Clock Buffers
NBSG16, MC100LVEP16, NB6L16, NB4L16M, NB4N316M
Clock Multiplexers
NBSG86, NB7L86, MC100EP5X
Clock Management (cont.)
Clock Generation
Dividers/Prescalers
NB7N017, NB6L39, MC10XX, MC100EP3X, MC100LVEP3X, NB7L3M
Phase/Frequency Detectors
MC100EP40, MC100EP140
VCO
MC100EL1648
Clock Translators
Single-Ended to Differential
MC100EPT0/, MC100ELT0/
Differential to Single-Ended
MC100EPT1/3/6, MC100ELT1/3/6
AnyLevel to LVDS
NB4N57S
Standard Logic
Standard Logic
1-Gate
MC74xx1G, NL17xx, NLV1xx
-Gate
NL7xx
3-Gate
NL37xx
Analog Switch
MC14xx, MC74xx, NLAS3xxx, NLAS4xxx, NLAS5xxx
Buffers
74VCxx, MC14xx, MC74xx, NL17xx, NL7xx, NL37xx, NLSFxx
Bus Interface
74VCxx, JLC1xx, MC74xx
Comparators
MC14xx
Counters
MC14xx, MC74xx
Flip Flops
74VCxx, MC14xx, MC74xx, NL17xx
Standard Logic (cont.)
Gates
MC14xx, MC74xx, NL17xx, NL7xx, NLSFxx
Inverters
MC14xx, MC74xx, NL17xx, NL7xx, NL37xx
Latches
74VCxx, MC14xx, MC74xx
Miscellaneous
MC14xx, MC74xx, NLSFxx
Multiplexers
MC14xx, MC74xx, NL7Sxx, NLASxx
Multivibrators
MC14xx, MC74xx
Receiver/Driver
74VCxx, MC74xx
Registers
MC14xx, MC74
Translators
MC14xx
From the Socket to the PocketisatrademarkofSemiconductorComponentsIndustries,LLC.
High Performance Logic
High Performance Logic
Buffers
MC10/100EP/LVEPxxxx
Coax Drivers
MC10EL/EP89
Comparators
MC10E165x
Counters
MC10/100E/EP016, NB7N017
Crosspoint Switches
NBSG7, NB4N840, NB4L85BM
Flip-Flops
MC10/100xx, NB4L5
Gates
MC10xx, NB7Lxx, NBSGxx
Multiplexers
MC10/100EL/EP5x
High Performance Logic (cont.)
Receiver/Drivers
NBSG16, MC100LVEP16, NB6L16, NB4L16M, NB4N316M
Registers
MC10xx
Serial/Parallel Converters
MC10/100EP445/6
Translators
Single-Ended to Differential
MC100EPT0//6, MC100ELT0/
Differential to Single-Ended
MC100EPT1/3/6, MC100ELT1/3/6
AnyLevel to LVDS
NB4N57S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com