Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS751G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS751G
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS751G Datasheet(HTML) 3 Page - ON Semiconductor

  MPS751G Datasheet HTML 1Page - ON Semiconductor MPS751G Datasheet HTML 2Page - ON Semiconductor MPS751G Datasheet HTML 3Page - ON Semiconductor MPS751G Datasheet HTML 4Page - ON Semiconductor MPS751G Datasheet HTML 5Page - ON Semiconductor MPS751G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPS650, MPS651, NPN MPS750, MPS751, PNP
http://onsemi.com
3
Figure 1. MPS650, MPS651
Typical DC Current Gain
IC, COLLECTOR CURRENT (mA)
10
300
0
VCE = 2.0 V
TJ = 125°C
25°C
−55 °C
NPN
IC, COLLECTOR CURRENT (mA)
−10 −20
−50 −100 −200
−500
250
0
PNP
30
60
90
120
150
180
210
240
270
20
50
100 200
500 1.0 A 2.0 A 4.0 A
25
50
75
100
125
200
175
150
225
−1.0 A −2.0 A−4.0 A
VCE = −2.0 V
TJ = 125°C
25°C
−55°C
IC, COLLECTOR CURRENT (mA)
50
2.0
0
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 2.0 V
VCE(sat) @ IC/IB = 10
Figure 2. MPS750, MPS751
Typical DC Current Gain
Figure 3. MPS650, MPS651
On Voltages
1.8
1.6
1.4
1.2
1.0
0.4
0.8
0.6
0.2
100
200
500
1.0 A
2.0 A
4.0 A
NPN
IC, COLLECTOR CURRENT (mA)
0
Figure 4. MPS750, MPS751
On Voltages
−50
−2.0
−1.8
−1.6
−1.4
−1.2
−1.0
−0.4
−0.8
−0.6
−0.2
−100
−200
−500
−1.0 A
−2.0 A −4.0 A
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
PNP
VBE(on) @ VCE = 2.0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com