Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMR500FTC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZMR500FTC
Description  Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR500FTC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZMR500FTC Datasheet HTML 1Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 2Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 3Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 4Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 5Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 6Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 7Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 8Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZMR series
Issue 6 - April 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Note:
1. The maximum operating input voltage and output current of the device will be governed bythe
maximum power dissipation of the selected package. Maximum package power dissipationis
specified at 25°C and must be linearly derated to zero at Tamb =125°C.
2. The following data represents pulse test conditions with junction temperatures as indicated
atthe initiation of the test. Continuous operation of the devices with the stated conditions
mightexceed the power dissipation limits of the chosen package.
3. Maximum power dissipation for the SOT23 package, is calculated assuming that the device
ismounted on a ceramic substrate measuring 15 x 15 x 0.6mm.
Input voltage (ZMR25H)
22.5V
ZMR250
20V
(ZMR50H)
25V
ZMR500
20V
Package power dissipation
SOT23 500mW (Note 3)
(Tamb=25 °C)
TO92 600mW
Output current (IO)100mA
Operating temperature
-55 to 125°C
Storage temperature
-65 to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com