Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

192562 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 192562
Description  Compressed air filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

192562 Datasheet(HTML) 1 Page - Festo Corporation.

  192562 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compressed air filter
LF-D-5M-MAXI-A
Part number: 192562
General operating condition
Data sheet
Feature
Value
Size
Maxi
Series
D
Mounting position
Vertical +/- 5°
Grade of filtration
5 µm
Condensate drain
Fully automatic
Structural design
Sinter filter with centrifugal separator
Bowl guard
Metal bowl guard
Symbol
00991520
Operating pressure
2 bar ... 12 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:9:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [6:8:4]
Inert gas
Temperature of medium
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Type of mounting
Line installation
With accessories
Pneumatic connection 1
Sub-base
Pneumatic connection 2
Sub-base
Note on materials
RoHS-compliant
Compressed air filter material
PE
Housing material
Die-cast zinc
Material of bowl
PC
3/17/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 192562

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1925621 PHOENIX-1925621 Datasheet
50Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-STEH
More results

Similar Description - 192562

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531482 FESTO-531482 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
531486 FESTO-531486 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535658 FESTO-535658 Datasheet
77Kb / 1P
Compressed air filter
3/1/22
535672 FESTO-535672 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535676 FESTO-535676 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535692 FESTO-535692 Datasheet
77Kb / 1P
Compressed air filter
3/1/22
531537 FESTO-531537 Datasheet
77Kb / 1P
Compressed air filter
3/3/22
531543 FESTO-531543 Datasheet
78Kb / 1P
Compressed air filter
3/3/22
531513 FESTO-531513 Datasheet
78Kb / 1P
Compressed air filter
3/3/22
531515 FESTO-531515 Datasheet
79Kb / 1P
Compressed air filter
3/3/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com