Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD62PBY99R20X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD62PBY99R20X
Description  D-SUB HD MALE 62pos. SOLDER PIN STRAIHT with threaded insert,metal bracket,fixing-plate hex bolt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD62PBY99R20X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDD62PBY99R20X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD62PBY99R20X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6HDD62P Y99R20X CONEC ABC
o
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1076
A3
1/2
D-SUB HD MALE
SEE NOTES
Henneboel
11.07.12
11.07.12
Koch
62pos. SOLDER PIN STRAIHT
with threaded insert,metal bracket,fixing-plate hex bolt
18K1A476
2:1 (5;1)
6HDD62P Y99R20X
a
Original
1 x b
Ä4375
11.07.12
K.H.
o
NOTES:
1. FOR WAVESOLDERING ( SOLDER BATH TEMPERATURE 240°C
FOR 5 SEC. / AND SOLDER PREHEAT 120°C FOR 120 SEC. )
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: PBT GF UL 94 V-0; BLACK
4. SIGNAL CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
5. METAL BRACKETS: ZINC DIE CAST; 300µin COPPER/40-120µin NICKEL/
120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. HEXLOCKING SCREWS: STAINLESS STEEL
8. FRAME: ZINC DIE CAST; NICKEL PLATED
9. FIXING PLATE: PBT GF UL 94 V-0; BLACK
10. O-RING: SILICON; BLUE
11. RUBBER GASKET: TPE
12. SEALING COMPOUND: PUR; BLUE
13. P.C.B. HOLE DRILLINGS AND
RECOMMENDED PANEL CUT-OUT ON SHEET 2
14. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) /
max.40Ncm (3.5 in.LB)
15. CONNECTOR IS PART MARKED: 6HDD62P Y99R20X CONEC ABC (see note 4)
o
o
o
55,3 -0
0,25
+
63,5 `0,13
78 -0
0,3
+
10°
POS. 1
POS. 22
POS. 43
4-40 UNC
O-RING
SEE NOTE 15
4-40 UNC
SEE NOTE 8
4,8
SW
8,26 -0,03
0,22
+
SEALING
COMPOUND
( 5 : 1 )
RUBBER-GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
( 1:1 )
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE SHOULD
BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
Directive 2002/95/EC RoHS compliant
3,3 -0
0,5
+
6,35 `0,3
o
(see note 4)
b
METAL BRACKET
FIXING PLATE


Similar Part No. - 6HDD62PBY99R20X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDD62PBY99R30X CONEC-6HDD62PBY99R30X Datasheet
249Kb / 2P
D-SUB HD MALE 62pos. SOLDER PIN STRAIHT with threaded insert,metal bracket,fixing-plate hex bolt
15.10.12
6HDD62PBY99R40X CONEC-6HDD62PBY99R40X Datasheet
1Mb / 2P
D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap, fixing plate, hexl. screw
11.06.13
More results

Similar Description - 6HDD62PBY99R20X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A16879X CONEC-163A16879X Datasheet
333Kb / 1P
D-SUB HD MALE 62pos. SOLDER PIN STRAIGHT with threaded insert
11.02.16
163A17779X CONEC-163A17779X Datasheet
1,001Kb / 2P
D-SUB HD MALE 90º 26-62pos. 0.350inch threaded insert, metal bracket, fixing-plate,clip
27.01.2006
163A18229X CONEC-163A18229X Datasheet
100Kb / 1P
D-SUB HD MALE 90º 78pos. SOLDER PIN ANGLED threaded insert,metal bracket, fixing-plate, clip
17.12.2001
163A20559X CONEC-163A20559X Datasheet
797Kb / 2P
D-SUB HD Male 90° 62pos. Solder pin angled 0.350 inch threaded insert,mounting bracket,fixing plate,grounding clip
04.10.2017
164A18249X CONEC-164A18249X Datasheet
528Kb / 2P
D-SUB HD Female 90° 62pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
11.07.17
3H15W4PAT99G60X CONEC-3H15W4PAT99G60X Datasheet
317Kb / 1P
D-SUB HD Combination Male 90° 15W4P threaded insert,metal bracket,fixing-plate
02.09.2016
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
3H45W2PAT99G60X CONEC-3H45W2PAT99G60X Datasheet
453Kb / 1P
D-SUB HD Combination Male 90° 45W2P threaded insert,metal bracket,fixing-plate
05.11.2018
24-005483 CONEC-24-005483 Datasheet
1Mb / 2P
D-SUB HD LC-Filter Male 62pos. solder pin angled 0,350 inch with metal bracket,threaded insert,fixing-plate,ferrite beads
09.09.2022
15-000923 CONEC-15-000923 Datasheet
282Kb / 2P
D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
23.10.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com