Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2022R Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2022R
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022R Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2022R Datasheet HTML 1Page - NXP Semiconductors PCK2022R Datasheet HTML 2Page - NXP Semiconductors PCK2022R Datasheet HTML 3Page - NXP Semiconductors PCK2022R Datasheet HTML 4Page - NXP Semiconductors PCK2022R Datasheet HTML 5Page - NXP Semiconductors PCK2022R Datasheet HTML 6Page - NXP Semiconductors PCK2022R Datasheet HTML 7Page - NXP Semiconductors PCK2022R Datasheet HTML 8Page - NXP Semiconductors PCK2022R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
PCK2022R
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2000 Nov 13
3
PIN DESCRIPTION
PIN(S)
SYMBOL
FUNCTION
1
IOCLK
Dual frequency pin which can operate at either 33 MHz or 66 MHz per the selection table.
3, 4
48M_0/SELA
48M_1/SELB
3.3 V fixed 48 MHz clock outputs. During power-up pins function as latched inputs that enable SELA and
SELB prior to the pins being used for output of 3 V at 48 MHz. Part must be clocked to latch data in.
7, 8
HCLK0
HCLKB0
Host output pair 0
10, 11
HCLK1
HCLKB1
Host output pair 1
13, 14
HCLK2
HCLKB2
Host output pair 2
16, 17
HCLK3
HCLKB3
Host output pair 3
42, 21
HCLK4
HCLKB4
Host output pair 4
39, 38
HCLK5
HCLKB5
Host output pair 5
36, 35
HCLK6
HCLKB6
Host output pair 6
33, 32
HCLK7
HCLKB7
Host output pair 7
19
REFCLK/SELC
3.3 V fixed 14.318 MHz output. During power-up, pin functions as a latched input that enables SELC prior
to the pin being used for the clock output. Part must be clocked to latch data in.
20
SPREAD
Enables spread spectrum mode when held LOW on differential host outputs and 33 MHz IOCLK clocks.
Asserts LOW.
21
XIN
Crystal input
22
XOUT
Crystal output
26
IREF
This pin controls the reference current for the host pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the correct current.
29, 30
MULTSEL0
MULTSEL1
Select input pin used to control the scaling of the HCLK and HCLKB output current.
44
PWRDWN
Device enters power-down mode when held LOW. Asserts LOW.
48
SEL100/133
Select input pin for enabling 133 MHz or 100 MHz CPU outputs
2, 6, 12,
18, 24, 31,
37, 43
VDD3
3.3 V power supply
5, 9, 15,
21, 28, 34,
40, 47
GND
Ground
25, 46
AVDD
3.3 V power supply for analog circuits
27, 45
AGND
Ground for analog circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com