Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD8 Datasheet(PDF) 2 Page - Chip Quik Inc.

Part # SMD8
Description  Chip Quik Removal Alloy (8ft. In 15-6.5in. Lengths) leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD8 Datasheet(HTML) 2 Page - Chip Quik Inc.

  SMD8 Datasheet HTML 1Page - Chip Quik Inc. SMD8 Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Removal
(With solder iron or warm air bath)
Apply flux to all leads.
Melt CHIP QUIK® uniformly on all pins.
Maintain alloy in molten state long enough to release chip.
Lift chip from board with dental pick or vacuum pen.
CLEAN UP
While molten, use cotton swab and flux to move excess to an unused section of board.
While applying heat, polish each pad with a swab and flux until thoroughly clean.
At room temperature, clean residue with alcohol pad.
You are now ready to install the new chip.
2.5 ft of Chip Quik® material, removes 1250 to 1500 SMD pins.
Conforms to the following Industry Standards:
J-STD-006C, Amendments 1 & 2 (Solder Alloys and Fluxed/Non-Fluxed Solders):
Yes
RoHS 2 Directive 2011/65/EU:
No
2
© 1994-2015 Chip Quik® Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com