Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-2P-RKMT299 Datasheet(PDF) 3 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 3 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specifications
Model
X695-48Y-8C
Ports
• 48 x SFP28 1Gb/10Gb/25Gb ports
• 8 x QSFP28 40Gb/100Gbports
◦
Up to 8 x 40Gb/100Gb Ethernet interfaces
◦
Up to 4 x 50Gb Ethernet interfaces (partitioned)
◦
Up to 8 x 10Gb/25Gb Ethernet interfaces (partitioned)
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out-of-band management port
• USB Type A storage port
Performance
Switching capacity: 4.0 Tbps Line Rate (2.0 Tbps ingress / 2.0 Tbps egress)
Forwarding rate: 1,000 Mpps
Average latency: 800 ns
Dimensions
17.3 in W / 20.9 in D / 1.7 in H
(44.0 cm / 53.2 cm / 4.3 cm)
Weight
16.4 lb (7.42 kg) no PSU
20.0 lb (9.07 kg) with single PSU
Power Supply Options
Internal 750W AC power supply (up to 2 PSUs)
Internal 750W DC power supply (up to 2 PSUs)
Front-Back and Back-Front airflow options
1 + 1 redundancy
Fan Tray
6 fan modules
Front-Back and Back-Front airflow options
CPU / Memory
8 Core Processor
16GB DDR4 ECC memory
128GB SSD memory
Packet Buffers
32MB
Operating Conditions
0ºC - 45ºC operation
5% to 95% relative humidity, non-condensing
0 - 3000 meters altitude
Power Supply Specifications
750WAC PSU
XN-ACPWR-750W-F/R
750WDC PSU
XN-DCPWR-750W-F/R
Dimensions
3.15 in W x 1.57 in H x 8.11 in D
(8.0 cm x 4.0 cm x 20 .6 cm)
3.15 in W x 1.57 in H x 8.11 in D
(8.0 cm x 4.0 cm x 20 .6 cm)
Weight
1.79lb (0.81kg)
1.85lb (0.85 kg)
Voltage Input Range
100-140VAC / 200-240 VAC
-48to -60 VDC
Line Frequency Range
50-60 Hz
N/A
PSU Input Socket
IEC320 C14
Terminal Block
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com