Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2023DL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2023DL
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023DL Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2023DL Datasheet HTML 1Page - NXP Semiconductors PCK2023DL Datasheet HTML 2Page - NXP Semiconductors PCK2023DL Datasheet HTML 3Page - NXP Semiconductors PCK2023DL Datasheet HTML 4Page - NXP Semiconductors PCK2023DL Datasheet HTML 5Page - NXP Semiconductors PCK2023DL Datasheet HTML 6Page - NXP Semiconductors PCK2023DL Datasheet HTML 7Page - NXP Semiconductors PCK2023DL Datasheet HTML 8Page - NXP Semiconductors PCK2023DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
4
BLOCK DIAGRAM
PWRDWN
SYSPLL
USBPLL
14.318
MHZ
OSC
PWRDWN
X
X
X
X
X
X
X
REF [0](14.318 MHz)
PWRDWN
XIN
XOUT
DOT/USB 48 MHz
CPU [0–2](100/133 MHz)
66ln/3V66_5(66 MHz)
PCI STOP
SW00861
PWRDWN
X
3V66_0 (66 MHz)
PWRDWN
X
X
X
CPU STOP
CPU [0–2](100/133 MHz)
PWRDWN
PWRDWN
PWRDWN
PWRDWN
X
PCI [0–6](33 MHz)
X
PCIF [0–2] (33 MHz)
3V66_1/VCH(48/66 MHz)
PWRDWN
X
3V66 [2–4] (66 MHz)
X
IBIAS
IREF X
LOGIC
S2 X
S1 X
S0 X
MULT0 X
Vtt Pwrgd X
SDA X
SCL X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com