Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTR250 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZTR250
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTR250 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZTR250 Datasheet HTML 1Page - Zetex Semiconductors ZTR250 Datasheet HTML 2Page - Zetex Semiconductors ZTR250 Datasheet HTML 3Page - Zetex Semiconductors ZTR250 Datasheet HTML 4Page - Zetex Semiconductors ZTR250 Datasheet HTML 5Page - Zetex Semiconductors ZTR250 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
a=ZTR250: b=ZTR500
ZTR250
ZTR500
-50
-25
0
25
50
75 100 125
-50 -25
0
25
50
75 100 125
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
Supply Current v Temperature
-50
-25
0
25
50
75 100 125
Temperature (°C)
Output Voltage Temperature
b
a
0
20
40
2
46
8
10 12
14
16
18
20
60
10
30
50
a
b
Input Voltage (V)
Supply Current v Voltage
28
0.1
1
10
100
27
29
47
48
49
50
30
75
Supply Current v Temperature
a
-50 -25
26
28
025
50
32
30
34
125
100
40
44
48
52
56
60
b
Output Current
Temperature (°C)
Temperature (°C)
Temperature (°C)
5.00
5.02
4.98
4.96
2.50
2.48
2.46
2.52
b
a
b
a
Supply Current v Output Current
Io=5mA
Vin=Vo+4
Io=5mA
Vin=Vo+4
Io=10mA
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=10mA
TYPICAL CHARACTERISTICS
4-391



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com