Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # LM4040
Description  Precision micropower shunt voltage references
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

LM4040 Datasheet(HTML) 2 Page - Zetex Semiconductors

  LM4040_07 Datasheet HTML 1Page - Zetex Semiconductors LM4040_07 Datasheet HTML 2Page - Zetex Semiconductors LM4040_07 Datasheet HTML 3Page - Zetex Semiconductors LM4040_07 Datasheet HTML 4Page - Zetex Semiconductors LM4040_07 Datasheet HTML 5Page - Zetex Semiconductors LM4040_07 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM4040
Issue 2 - February 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Continuous reverse current (IR) ...................................... 20mA
Continuous forward current (IREF) .................................. 10mA
Operating junction temperature ..................................... -40°C to 150°C
Storage temperature ....................................................... -55°C to 150°C
Operation above the absolute maximum rating may cause device failure. Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
Unless otherwise stated voltages specified are relative to the ANODE pin.
Package thermal data
Recommended operating conditions
Package
JA
PDIS
Tamb =25°C, TJ = 150°C
SOT23
380°C/W
330mW
Min.
Max.
Units
Reverse current
0.06
15
mA
Operating ambient temperature range
-40
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com