Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U310 Datasheet(PDF) 4 Page - EPCOS

Part # U310
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

U310 Datasheet(HTML) 4 Page - EPCOS

  U310 Datasheet HTML 1Page - EPCOS U310 Datasheet HTML 2Page - EPCOS U310 Datasheet HTML 3Page - EPCOS U310 Datasheet HTML 4Page - EPCOS U310 Datasheet HTML 5Page - EPCOS U310 Datasheet HTML 6Page - EPCOS U310 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jun 13, 2002
SAW Components
B4847
360,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Ambient temperature:
T
= -30˚C to +85˚C
Terminating source impedance:
ZS = 340 Ω || -1,9 pF
Terminating load impedance:
ZL = 340 Ω || -1,9 pF
1) Temperature dependence of f
c:fc(T) = fc(T0)(1 + TCf(T – T0)
2)
*)
In the frequency range from 362,5 MHz to 364,0 MHz there exists one spurious response.
The minimum attenuation
α
rel of this spurious response is more than 48 dB.
min.
typ.
max.
Nominal frequency
fN
—
360,00
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
(including loss in matching elements)
—
4,3
5,0
dB
Amplitude ripple (p-p)
∆α
fN -67,7kHz .. fN+67,7 kHz
—
0,6
3,0
dB
fN -80,0kHz .. fN+80,0 kHz
—
0,9
4,5
dB
Passband width
α
rel ≤
3,0 dB
B3,0dB
—
315
—
kHz
Group delay ripple (p-p)
∆τ
fN -67,7 kHz .. fN+67,7 kHz
—
0,5
1,8
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 400 kHz ... fN ± 600 kHz
24
32
—
dB
fN ± 600 kHz ... fN ± 800 kHz
38
48
—
dB
fN ± 800 kHz ... fN ± 1,6 MHz
42
48
—
dB
fN ± 1,6 MHz ... fN ± 5,0 MHz
* 52
54
—
dB
fN ± 5,0 MHz ... fN ± 30,0 MHz
55
62
—
dB
Impedance within the pass band
Input:
ZIN
=
RIN
||
CIN
—
340 || 1,9
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
340 || 1,9
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
- 0,036
—
ppm/K2
Turnover temperature
T0
—
28
—˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com