Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COSOLV165 Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # COSOLV165
Description  Co-Solvent Low Evaporating Flux Remover in 30ml (1.0oz) Squeeze Bottle w/tip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

COSOLV165 Datasheet(HTML) 1 Page - Chip Quik Inc.

  COSOLV165 Datasheet HTML 1Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet revision 1.0
www.chipquik.com
Co-Solvent Low Evaporating Flux Remover in 30ml (1.0oz) Squeeze Bottle w/tip
Product Highlights
Powerful Co-Solvent Flux Remover
Low Evaporating
Effective Cleaning of densely populated assemblies
Environmentally-Friendly
Low Ozone Depletion, Low Toxicity
RoHS 3 and REACH compliant
Specifications
Boiling Range:
150°C
Flash Point:
82°C
Liquid Density:
1.011 g/cm3 (at 20°C)
Aspect:
Colorless Liquid
Water Content:
<0.1%
Aromatic Compounds:
<0.1%
NVR:
<0.01g/100ml
Net Weight:
30.33g
Net Volume:
30ml
Packaging:
30ml Squeeze Bottle
Co-solvent De-fluxing Process:
CLEANING
RINSING
COSOLV165™ or
COSOLV175™ at 50°C
COSOLV55™ at 50°C
5 minutes submerged
5 minutes submerged
30 second drip dry above
30 second drip dry above
Storage and Handling
Store refrigerated or at room temperature 3-25°C (37-77°F).
Transportation
This product has no shipping restrictions. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground
or air will not impact this product's stated shelf life.
Conforms to the following Industry Standards:
RoHS 3 Directive (EU) 2015/863:
Yes
1
© 1994-2022 Chip Quik® Inc.
C
CO
OS
SO
OL
LV
V1
16
65
5--1
1..0
0


Similar Part No. - COSOLV165

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
COSOLV175 CHIPQUIK-COSOLV175 Datasheet
177Kb / 1P
Co-Solvent Low Evaporating Flux Remover 1L
revision 1.4
More results

Similar Description - COSOLV165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SME ETC1-SME Datasheet
633Kb / 7P
MINIATURE, GENERAL PURPOSE, SOLVENT PROOF
logo
NTE Electronics
RX1900-4 NTE-RX1900-4 Datasheet
48Kb / 8P
ECG Eco Line Flux Remover
logo
List of Unclassifed Man...
P226500 ETC2-P226500 Datasheet
128Kb / 1P
PROBE BODY W/4MM CONTACT TIP
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
Organic Solvent Vapors
TGS2620 FIGARO-TGS2620 Datasheet
216Kb / 2P
Solvent Vapors
logo
Maxic Technology Corpor...
MT7641ER MAXIC-MT7641ER Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7642BE MAXIC-MT7642BE Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642BT MAXIC-MT7642BT Datasheet
76Kb / 1P
LED Current Ripple Remover
MT7642CE MAXIC-MT7642CE Datasheet
74Kb / 1P
LED Current Ripple Remover
logo
SparkFun Electronics
PRT-09173 SPARKFUN-PRT-09173 Datasheet
87Kb / 2P
Pogo Pin w/ Round Tip
9??4??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com