Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COSOLV175 Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # COSOLV175
Description  Co-Solvent Low Evaporating Flux Remover 1L
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

COSOLV175 Datasheet(HTML) 1 Page - Chip Quik Inc.

  COSOLV175 Datasheet HTML 1Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet revision 1.4
www.chipquik.com
Co-Solvent Low Evaporating Flux Remover 1L
Product Highlights
Powerful Co-Solvent Flux Remover
Low Evaporating
Low Surface Tension to Clean Under Small Parts
Environmentally-Friendly
Low Ozone Depletion, Low Toxicity
RoHS 3 and REACH compliant
Specifications
Boiling Point:
175-215 °C
Flash Point:
77 °C
Vapor Pressure:
0.1 kPa
Liquid Density:
0.825 g/cm3 (at 20°C)
Kinematic Viscosity:
1.6 cSt (mm2/s)
Surface Tension:
14 mN/m
Relative Evaporation Rate (RER):
0.06 nBuAc-1
Dielectric Strength (0.1" gap):
>25 kV
Global Warming Potential:
<25 GWP
Ozone Depletion Potential:
0
Color:
Clear
Miscibility in Water:
Not miscible
Net Weight:
0.825kg
Net Volume:
1L
Packaging:
1L Jug (0.825kg net weight)*
*Packaged and Sold by Weight
Co-solvent De-fluxing Process:
CLEANING
RINSING
COSOLV165™ or
COSOLV175™ at 50°C
COSOLV55™ at 50°C
5 minutes submerged
5 minutes submerged
30 second drip dry above
30 second drip dry above
Storage and Handling
Store refrigerated or at room temperature 3-25°C (37-77°F).
Transportation
This product has no shipping restrictions. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground
or air will not impact this product's stated shelf life.
Conforms to the following Industry Standards:
RoHS 3 Directive (EU) 2015/863:
Yes
1
© 1994-2022 Chip Quik® Inc.
C
CO
OS
SO
OL
LV
V1
17
75
5--1
1L
L


Similar Part No. - COSOLV175

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
COSOLV165 CHIPQUIK-COSOLV165 Datasheet
175Kb / 1P
Co-Solvent Low Evaporating Flux Remover in 30ml (1.0oz) Squeeze Bottle w/tip
revision 1.0
More results

Similar Description - COSOLV175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SME ETC1-SME Datasheet
633Kb / 7P
MINIATURE, GENERAL PURPOSE, SOLVENT PROOF
logo
NTE Electronics
RX1900-4 NTE-RX1900-4 Datasheet
48Kb / 8P
ECG Eco Line Flux Remover
logo
Bright Power Semiconduc...
BP5609 BPS-BP5609 Datasheet
147Kb / 2P
LED CURRENT RIPPLE REMOVER
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
Organic Solvent Vapors
TGS2620 FIGARO-TGS2620 Datasheet
216Kb / 2P
Solvent Vapors
logo
Maxic Technology Corpor...
MT7641DR MAXIC-MT7641DR Datasheet
259Kb / 1P
LED Current Ripple Remover
MT7641ER MAXIC-MT7641ER Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7642BE MAXIC-MT7642BE Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642BT MAXIC-MT7642BT Datasheet
76Kb / 1P
LED Current Ripple Remover
MT7642CE MAXIC-MT7642CE Datasheet
74Kb / 1P
LED Current Ripple Remover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com