Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2510SA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2510SA
Description  50-150 MHz 1:10 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2510SA Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2510SA Datasheet HTML 1Page - NXP Semiconductors PCK2510SA Datasheet HTML 2Page - NXP Semiconductors PCK2510SA Datasheet HTML 3Page - NXP Semiconductors PCK2510SA Datasheet HTML 4Page - NXP Semiconductors PCK2510SA Datasheet HTML 5Page - NXP Semiconductors PCK2510SA Datasheet HTML 6Page - NXP Semiconductors PCK2510SA Datasheet HTML 7Page - NXP Semiconductors PCK2510SA Datasheet HTML 8Page - NXP Semiconductors PCK2510SA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
PCK2510SA
50–150 MHz 1:10 SDRAM clock driver
2
2000 Dec 01
853–2229 25137
FEATURES
• Phase-Locked Loop Clock distribution for
PC100/PC133 SDRAM applications
• JEDEC compliant operation—PLL remains locked when outputs
are disabled.
• See PCK2510SL for low power version where PLL goes into
standby when outputs are disabled.
• Spread Spectrum clock compatible
• Operating frequency 50 to 150 MHz
• (t
phase error – jitter) at 100 to133 MHz = ±50 ps
• Jitter (peak-peak) at 100 to 133 MHz = ± 80 ps
• Jitter (cycle-cycle) at 100 to 133 MHz = 65 ps
• Pin-to-pin skew < 200 ps
• Available in plastic 24-Pin TSSOP
• Distributes one clock input to one bank of ten outputs
• External Feedback (FBIN) terminal Is used to synchronize the
outputs to the clock input
• On-Chip series damping resistors
• No external RC network required
• Operates at 3.3 V
• See page 7 for Characteristic curves.
DESCRIPTION
The PCK2510SA is a high-performance, low-skew, low-jitter,
phase-locked loop (PLL) clock driver. It uses a PLL to precisely
align, in both frequency and phase, the feedback (FBOUT) output to
the clock (CLK) input signal. It is specifically designed for use with
synchronous DRAMs. The PCK2510SA operates at 3.3 V VCC and
is input compatible with both 2.5 V and 3.3 V input voltage ranges. It
also provides integrated series damping resistors that make it ideal
for driving point-to-point loads.
One bank of ten outputs provides ten low-skew, low-jitter copies of
CLK. Output signal duty cycles are adjusted to 50 percent,
independent of the duty cycle at CLK. All outputs can be enabled or
disabled via a single output enable input. When the G input is high,
the outputs switch in phase and frequency with CLK; when the G
input is low, the outputs are disabled to the logic-low state.
Unlike many products containing PLLs, the PCK2510SA does not
require external RC networks. The loop filter for the PLL is included
on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the PCK2510SA requires a
stabilization time to achieve phase lock of the feedback signal to the
reference signal. This stabilization time is required, following power
up and application of a fixed-frequency, fixed-phase signal at CLK,
and following any changes to the PLL reference. The PLL can be
bypassed for test purposes by strapping AVCC to ground.
The PCK2510SA is characterized for operation from 0
°C to +70 °C.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
AGND
CLK
AVCC
VCC
VCC
1Y9
1Y0
1Y8
GND
1Y1
GND
1Y6
1Y2
1Y7
1Y5
GND
VCC
FBIN
GND
1Y3
1Y4
SW00382
VCC
G
FBOUT
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
24-Pin Plastic TSSOP
0
°C to +70 °C
PCK2510SADH
SOT355-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com