Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC AM401
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM401 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

Back Button AM401 Datasheet HTML 3Page - Analog Microelectronics GmbH AM401 Datasheet HTML 4Page - Analog Microelectronics GmbH AM401 Datasheet HTML 5Page - Analog Microelectronics GmbH AM401 Datasheet HTML 6Page - Analog Microelectronics GmbH AM401 Datasheet HTML 7Page - Analog Microelectronics GmbH AM401 Datasheet HTML 8Page - Analog Microelectronics GmbH AM401 Datasheet HTML 9Page - Analog Microelectronics GmbH AM401 Datasheet HTML 10Page - Analog Microelectronics GmbH AM401 Datasheet HTML 11Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
7/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
DETAILED DESCRIPTION OF FUNCTIONS
AM401 is a monolithically integrated voltage transmitter which has been designed for the
conditioning of differential bridge voltages and for the conversion of voltage signals referenced to
ground. By varying just a few external components the output voltage can be adjusted over a wide
range. All of the function blocks are individually accessible, enabling them to be used as functional
units or, using the relevant external circuitry, configured as an application-specific device. Typical
applications and values for external components are given in the examples described in the
following.
In essence AM401 consists of 4 functional blocks as shown in Figure 1. The individual blocks are
as follows:
1. The core element of AM401 is its high-precision instrumentation amplifier (IA) with an internal
gain of GIA and the ability to set the reference potential of the amplifier externally (pin ZA). The
IA acts as an input stage for differential voltage signals.
2. There is also an operational amplifier stage (OP1). OP1’s gain of GOP1 can be set using external
resistors R1 and R2 (see Figure 2). The operational amplifier output has been designed in such a
way that with certain loads it can be set down to zero. In addition, the output stage can drive up
to a maximum of 10mA without an external transistor having to be connected. An output current
limit has been implemented as a protective feature which guards the IC at the output in the event
of a short-circuit.
3. AM401’s voltage reference permits voltage to be supplied by external components (such as
sensors, microprocessors, etc.). The reference voltage VREF has a value of either 5V or 10V.
External capacitance C1 acts as a reference voltage stabilizer. It must also be connected when
the voltage reference is not in use (see: Figure 2).
4. An additional operational amplifier (OP2) can be used as a current or voltage source for the
supply of external components. OP2’s positive input is connected internally to voltage VBG so
that the output current or voltage can be set across a wide range using one or two external
resistors. Descriptions of the relevant applications can be found on the following pages. The
operational amplifier output has a sufficiently high drive power.
One of AM401’s main features is its range of integrated protective circuits which make the IC an
effective output stage.
• Pins VOUT, VCC and GND are protected against reverse polarity across the entire supply
voltage range without the need for any additional external components.
• The output of the IC is protected against short-circuiting.
• All pins (with the exception of VOUT, VCC and GND) are protected by internal ESD diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com