Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM402 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AM402
Description  CURRENT CONVERTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM402 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AM402 Datasheet HTML 1Page - Analog Microelectronics GmbH AM402 Datasheet HTML 2Page - Analog Microelectronics GmbH AM402 Datasheet HTML 3Page - Analog Microelectronics GmbH AM402 Datasheet HTML 4Page - Analog Microelectronics GmbH AM402 Datasheet HTML 5Page - Analog Microelectronics GmbH AM402 Datasheet HTML 6Page - Analog Microelectronics GmbH AM402 Datasheet HTML 7Page - Analog Microelectronics GmbH AM402 Datasheet HTML 8Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CURRENT CONVERTER IC
AM402
analog microelectronics
April 99
3/8
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
V/I Converter
Internal Gain
GVI
1.00
Trim Range
adjustable by R0
0.75
1.00
1.25
Voltage Range at R0 FS
VR0FS
400
500
580
mV
Offset Voltage
VOS
βF ≥ 100
±
2
±
6mV
VOS vs. Temperature
dVOS/dT
βF ≥ 100
±
7
±
20
µV/°C
Output Offset Current
IOUTOS
3–wire operation
–35
–50
µA
IOUTOS vs. Temperature
dIOUTOS/dT
3–wire operation
55
80
nA/°C
Output Offset Current
IOUTOS
2–wire operation
14
22
µA
IOUTOS vs. Temperature
dIOUTOS/dT
2–wire operation
22
35
nA/°C
Output Control Current
IOUTC
2–wire operation, VR0/100mV
5
µA
IOUTC vs. Temperature
dIOUTC/dT
2–wire operation
–9
nA/°C
Output Voltage Range
VOUT
VOUT = RL IOUT, VCC < 16V
0
VCC – 6
V
VOUT
VOUT = RL IOUT, VCC
≥ 16V
010
V
Output Current Range FS
IOUTFS
IOUT = VR0/R0, 3–wire operation
20
mA
Output Resistance
ROUT
0.5
1.0
M
Ω
Load Capacitance
CL
0
500
nF
Protection Functions
Voltage Limitation at R0
VLIMR0
VR0 = VIN GIA, SET = GND
580
640
700
mV
VLIMR0
VIN = 0, VR0 = VSET/2
580
635
690
mV
Temperature Limitation
TLIMIT
110
130
150
°C
Protection against reverse polarity
Ground vs. VS vs. IOUT
35
V
Current in case of reverse polarity
Ground = 35V, VS = IOUT = 0
3.8
mA
System Parameters
Nonlinearity
ideal input
0.05
0.15
%FS
* In 2–wire operation a maximum current of IOUTmin – ICC is valid
Currents flowing into the IC are negative
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sense Resistor
R0
IOUTFS = 20mA
202529
Ω
R0
c = 20mA/IOUTFS
c
⋅ 20
c
⋅ 25
c
⋅ 29
Ω
Stabilisation Resistor
R5
IOUTFS = 20mA
354045
Ω
R5
c = 20mA/IOUTFS
c
⋅ 35
c
⋅ 40
c
⋅ 45
Ω
Load Resistance
RL
limitation only for 3–wire operation
0
500
Ω
Sum Gain Resistors
R1 + R2
25
50
k
Ω
Sum Offset Resistors
R3 + R4
20
200
k
Ω
VREF Capacitance
C1
1.9
2.2
5.0
µF
Output Capacitance
C2
only for 2–wire operation
90
100
250
nF
D1 Breakdown Voltage
VBR
35
50
V
T1 Forward Current Gain
βF
50
150



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com