Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 13 Page - Analog Microelectronics GmbH

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM417 Datasheet(HTML) 13 Page - Analog Microelectronics GmbH

Back Button AM417 Datasheet HTML 9Page - Analog Microelectronics GmbH AM417 Datasheet HTML 10Page - Analog Microelectronics GmbH AM417 Datasheet HTML 11Page - Analog Microelectronics GmbH AM417 Datasheet HTML 12Page - Analog Microelectronics GmbH AM417 Datasheet HTML 13Page - Analog Microelectronics GmbH AM417 Datasheet HTML 14Page - Analog Microelectronics GmbH AM417 Datasheet HTML 15Page - Analog Microelectronics GmbH AM417 Datasheet HTML 16Page - Analog Microelectronics GmbH AM417 Datasheet HTML 17Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 13/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
and from Equation 11 we are presented with:
mV
mV
mV
V
V
RO
5
.
6
6
2
67
.
6
10
5
.
0
2
−
=
−
−
⋅
⋅
=
Referring to Equation 12a the resistance for offset calibration is thus:
()
Ω
=
⋅
−
⋅
=
13
2
'
0
0
IB
R
I
V
R
If RO’ (resistor on the left) is set to 13Ω and if we take the offsets of sensing element and IC into
consideration, the output signal offset of the overall circuit is set to VOUTmin = 0.5V and the
maximum output signal is VOUTmax = 4.5V.
TEMPERATURE COMPENSATION OF THE OUTPUT SPAN
Supplying a piezoresistive sensing element with constant current makes compensation of the
temperature of the span a relatively simple affair. With a constant current supply the negative
temperature coefficient of sensor sensitivity S can be compensated by the positive temperature
coefficient of bridge resistor RBR.
2
I
IB
R
1
4
5
R
TSC
3
Input pin
AM417
I
IB
´
R
BR
Figure 4
: Bridge array for the compensation of TC with
RBR = bridge resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com