Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet(PDF) 13 Page - Analog Microelectronics GmbH

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM452 Datasheet(HTML) 13 Page - Analog Microelectronics GmbH

Back Button AM452 Datasheet HTML 9Page - Analog Microelectronics GmbH AM452 Datasheet HTML 10Page - Analog Microelectronics GmbH AM452 Datasheet HTML 11Page - Analog Microelectronics GmbH AM452 Datasheet HTML 12Page - Analog Microelectronics GmbH AM452 Datasheet HTML 13Page - Analog Microelectronics GmbH AM452 Datasheet HTML 14Page - Analog Microelectronics GmbH AM452 Datasheet HTML 15Page - Analog Microelectronics GmbH AM452 Datasheet HTML 16Page - Analog Microelectronics GmbH AM452 Datasheet HTML 17Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 13/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
()
SET
IN
OUT
I
V
I
=
= 0
with
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
→
1
2
0
4
3
−
⋅
⋅
=
SET
REF
I
R
V
R
R
(9)
The output current range (e.g. 16mA) is set by the selection of external resistors R1 and R2 (or
fine adjustment with R0 ). Output current IOUT is then calculated as:
SET
VI
I
IN
OUT
I
R
G
G
V
I
+
⋅
=
0
with
GAIN
IA
I
G
G
G
⋅
=
and
0
=
ZA
V
(10)
If the offset of the AM452 signal source and input amplifier (IA) is such that it cannot be
ignored, when setting the output current range (gain)
(
)
0
=
IN
OUT V
I
also changes. This shift
must possibly be accounted for by making a fine adjustment to R3 and R4. If the offset of the
signal source and input amplifier is not relevant to the required degree of precision, Equations
(9) and (10) continue to apply.
OPERATING AM452: IMPORTANT POINTS TO NOTE
1. When using AM452 it is imperative that external capacitor C1 (a ceramic capacitor) is
always connected. Care must be taken that the value of the capacitor does not exceed the
range of values given in the boundary conditions – also within the temperature range (see
Table 2). In 2-wire operation ceramic capacitor C2 must also be used.
2. All AM452 function blocks not required by the application (OP2 or VREF) must be
placed in a defined (and allowed) operating state.
3. The voltages at the IA inputs (pins IN+ and IN-) must always lie within input voltage
range CMIR.
4. At the current output a load resistance of 600Ω maximum is permissible for 3-wire
operation.
5. The values of external resistors R0, R1, R2, R3, R4, R5, R6 and R7 must be selected within
the permissible range given in the boundary conditions.
6. The tolerances of the resistors and their temperature coefficients are entered into the
overall error.
7. In order to avoid temperature gradients it is imperative that the transistor is placed far
enough away from IC AM452 and that a sufficient temperature outlet is ensured.
8. In a 2-wire setup with a minimum output (offset) current of IOUT min the current balance
(the total domestic power supply across a temperature range of < IOUT min) of the IC and all
connected components (such as sensors) must be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com