Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 13 Page - Analog Microelectronics GmbH

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM460 Datasheet(HTML) 13 Page - Analog Microelectronics GmbH

Back Button AM460 Datasheet HTML 9Page - Analog Microelectronics GmbH AM460 Datasheet HTML 10Page - Analog Microelectronics GmbH AM460 Datasheet HTML 11Page - Analog Microelectronics GmbH AM460 Datasheet HTML 12Page - Analog Microelectronics GmbH AM460 Datasheet HTML 13Page - Analog Microelectronics GmbH AM460 Datasheet HTML 14Page - Analog Microelectronics GmbH AM460 Datasheet HTML 15Page - Analog Microelectronics GmbH AM460 Datasheet HTML 16Page - Analog Microelectronics GmbH AM460 Datasheet HTML 17Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
13/18
Example 3:
To obtain a signal of VINP = 0...1V at the OP1 input the external components are to be dimensioned in such a
way that the output current has a range of 0...20mA (i.e. ISET = 0 ⇒ SET = GND) and the output voltage one of
0...10V.
Using Equation 14 the output voltage is defined as follows:
2
.
2
1
2
1
⋅


+
⋅
=
R
R
V
V
INP
OUT
⇒
55
.
3
1
V
1
2
.
2
V
10
1
2
.
2
2
1
≈
−
⋅
=
−
⋅
=
INP
OUT
V
V
R
R
i.e.
55
.
4
1
2
1
=
+
=
R
R
G
GAIN
The following then applies to the output current:
0
0
8
8
R
G
V
I
R
G
V
I
GAIN
INP
SET
I
INP
OUT
⋅
=
+
⋅
=
⇒
Ω
≈
⋅
=
⋅
=
44
.
28
mA
20
8
55
.
4
V
1
8
0
OUT
GAIN
INP
I
G
V
R
Observing the boundary conditions, the following values are obtained for the external components:
R0 ≈ 28.44Ω
R1 ≈ 35.5kΩ
R2 = 10kΩ
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
Ground
R
5
R
L
1
Single-ended
input voltage
Connections setting unused function blocks to a defined operating point
I
SET = 0
V
BG
1
2
AM460
OP3
OP2
R
1
R
2
4
OP1
5
3
C
1
Voltage Reference
R
0
714
6
13
15
16
12
11
8
9
10
V
I
T
1
D
1
3-wire connection
V
INP
V
S
V
OUT
I
OUT
Figure 7: Typical application for input signals referenced to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com