Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM461 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AM461
Description  AMPLIFIER AND PROTECTION IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM461 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AM461 Datasheet HTML 1Page - Analog Microelectronics GmbH AM461 Datasheet HTML 2Page - Analog Microelectronics GmbH AM461 Datasheet HTML 3Page - Analog Microelectronics GmbH AM461 Datasheet HTML 4Page - Analog Microelectronics GmbH AM461 Datasheet HTML 5Page - Analog Microelectronics GmbH AM461 Datasheet HTML 6Page - Analog Microelectronics GmbH AM461 Datasheet HTML 7Page - Analog Microelectronics GmbH AM461 Datasheet HTML 8Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMPLIFIER AND PROTECTION IC
AM461
analog microelectronics
October 2002
3/8
FEATURES
• Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• Voltage Reference: 5V
• Additional Voltage/Current Source
• Operational Amplifier Stage with Inte-
grated Driver Output
• Adjustable Gain
• Adjustable Output Voltage Range e.g.
0...5/10V, others
• Reverse Polarity Protection
• Short Circuit Protection
• Output Current Limitation
• Low-Cost: Replaces a Multitude Number
of Discrete Components
DESCRIPTION
The AM461 is a universal useable amplifier and
protection IC with a multitude of additional func-
tions. The IC contains of an externally adjustable
operational amplifier for conditioning of single
ended input signals. This amplifier has an inte-
grated output driver stage with the ability to source
up to 5mA without the need of any external tran-
sistor. In addition, a voltage reference for the supply
of external components and another operational
amplifier that can be used as current/voltage source
or comparator is integrated.
Basic features of the IC are the wide range inte-
grated of protection functions. The IC is protected
against reverse polarity and has a build-in output
current limitation. Using the amplifier IC AM461 it
is possible to generate stable standard voltages ranges
(e.g. 0-5/10V) in an easy and low-cost way.
BLOCK DIAGRAM
VREF
VOUT
GND
INN
VCC
CVREF
CVSET
V
BG
Voltage Reference
AM461
OP2
OP1
INP
1
2
3
7
4
5
6
8
Figure 1: Block diagram AM461



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com