Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM462 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

Back Button AM462 Datasheet HTML 3Page - Analog Microelectronics GmbH AM462 Datasheet HTML 4Page - Analog Microelectronics GmbH AM462 Datasheet HTML 5Page - Analog Microelectronics GmbH AM462 Datasheet HTML 6Page - Analog Microelectronics GmbH AM462 Datasheet HTML 7Page - Analog Microelectronics GmbH AM462 Datasheet HTML 8Page - Analog Microelectronics GmbH AM462 Datasheet HTML 9Page - Analog Microelectronics GmbH AM462 Datasheet HTML 10Page - Analog Microelectronics GmbH AM462 Datasheet HTML 11Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 7/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
SET
IV
INDAI
OUT
I
R
G
V
I
+
⋅
=
0
=
SET
INDAI
I
R
V
+
0
8
with
0
2R
V
I
SET
SET =
(2)
with VINDAI the voltage at pin 6 (INDAI) and VSET the voltage at pin 16 (SET)
1.
3. The AM462 reference voltage source enables voltage to be supplied to external components
(such as sensors, microprocessors, etc.). The reference voltage value VREF can be set via pin 13
VSET. If pin VSET is not connected, VREF = 5V; if VSET is switched to ground, VREF = 10V.
Values between the above can be set if two external resistors are used (inserted between pin
VREF and pin VSET and between pin VSET and GND; see Figure 2).
External (ceramic) capacitor C1 at pin VREF stabilizes the reference voltage. It must be
connected even if the voltage reference is not in use.
4. The additional operational amplifier stage OP2 can be used as a current or voltage source to
supply external components. OP2's positive input is connected internally to voltage VBG so that
the output current or output voltage can be set across a wide range using external resistors.
1 The construction of the V/I converter is such that output current IOUT is largely independent of the current
amplification
βF of external transistor T1. Production-specific variations in the current amplification of the transistors
used are compensated for internally by the V/I converter.
V
BG
Ground
V
S
I
OUT
R
1
R
2
R
0
T
1
D
1
R
5
V
INP
V
SET
V
OUTAD
V
CVREF
V
CVSET
R
4
V
BG
4
11
10
8
OP1
5
2
AM462
OP2
3
C
1
V
REF
R
3
13
15
Voltage Reference
1
16
9
V
INDAI
14
V
I
6
Figure 2: Block diagram of AM462 (3-wire circuit for current output). Pin 1 and 2
have to be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com