Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK953BD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK953BD
Description  50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK953BD Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK953BD Datasheet HTML 1Page - NXP Semiconductors PCK953BD Datasheet HTML 2Page - NXP Semiconductors PCK953BD Datasheet HTML 3Page - NXP Semiconductors PCK953BD Datasheet HTML 4Page - NXP Semiconductors PCK953BD Datasheet HTML 5Page - NXP Semiconductors PCK953BD Datasheet HTML 6Page - NXP Semiconductors PCK953BD Datasheet HTML 7Page - NXP Semiconductors PCK953BD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
PCK953
50–125 MHz PECL input/CMOS output
3.3 V PLL clock driver
2001 Feb 08
3
FUNCTION TABLE
BYPASS
Function
1
0
PLL Enabled
PLL Bypass
MR/OE
Function
1
0
Outputs Disabled
Outputs Enabled
VCO_SEL
Function
1
0
B2
B1
PLL_EN
Function
1
0
Select VCO
Select PECL_CLK
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
–0.3
4.6
V
VI
Input voltage
–0.3
VDD+0.3
V
IIN
Input current
—
±20
mA
Tstg
Storage temperature range
–40
+125
°C
NOTE:
1. Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is
not implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com