Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRH Datasheet(PDF) 1 Page - Heyco.

Part # PRH
Description  Countersunk Type H Rivets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

PRH Datasheet(HTML) 1 Page - Heyco.

  PRH Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-78
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
HEYClip™ Countersunk Type H Rivets
HEYClip™ Drive Rivets
• Flat, chamfered rivet head for easier
disassembly when required.
• Accommodate countersunk hole
specification DIN ISO 7721.
• The “H” type rivet is designed with a flat
head for fast and easy installation,
without any tools.
• Simply place rivet into the hole and press
down on the head to fasten.
• Part Description Key: PRH X-Y where
X = Mounting Hole Diameter (inches) and
Y = minimum Panel Thickness (inches).
• Standard Material: Nylon 6. Nylon 6/6 UL
94V-0 available by special order,
consult Heyco.
• Standard Pack - 1,000/bag.
• Install by placing rivet into hole and
pushing the drive pin into the rivet to
expand legs and lock in place.
• No tools required.
• Part Description Key: DR X-Y where
X = Mounting Hole Diameter (inches) and
Y = minimum Panel Thickness (inches).
• Standard Pack - 1,000/bag.
Standard colors black and white.
*Black nylon 6/6 UL 94V-0.
Standard colors black and natural.
*Standard color white.
WILL FIT THESE PANELS
PART NO.
DESCRIPTION
PART DIMENSIONS
EXTRACTION
MOUNTING
ASSEMBLED
AB
C
FORCE
HOLE DIA.
PANEL THICKNESS
V-0
Length
Head
Head
Min.
Max.
Black White Black
Height
Diameter
Style
in.
mm.
in.
mm.
in. mm.
*
in.
mm.
in.
mm.
in.
mm.
N
PRH Series
.102
2,6
.22
5,5
.26
6,5 9118
9119 9118F PRH 102-217 .33
8,5
.03
0,7
.18
4,6
49
1
.04
1,0
.08
2,0 9156
9157 9156F PRH 122-039 .14
3,5
.08
2,0
.12
3,0 9158
9159 9158F PRH 122-079 .18
4,5
.04
1,0
.25
6,4
.12
3,0
.16
4,0 9160
9161 9160F PRH 122-118 .22
5,5
.122
3,1
.16
4,0
.19
5,0 9162
9163 9162F PRH 122-157 .26
6,5
78
1
.20
5,0
.24
6,0 9164
9165 9164F PRH 122-197 .31
7,5
.04
1,0
.24
6,0
.22
5,5
.26
6,5 9166
9167 9166F PRH 122-217 .32
8,0
.26
6,5
.30
7,5 9168
9169 9168F PRH 122-256 .35
9,0
.04
1,0
.25
6,4
.30
7,5
.34
8,5 9170
9171 9170F PRH 122-295 .39 10,0
.04
1,0
.08
2,0 9172
9173 9172F PRH 142-039 .14
3,5
.04
1,0
.25
6,4
.08
2,0
.12
3,0 9174
9175 9174F PRH 142-079 .19
4,5
.142
3,6
.12
3,0
.16
4,0 9176
9177 9176F PRH 142-118 .22
5,5
118
2
.14
3,5
.18
4,5 9178
9179 9178F PRH 142-138 .24
6,0
.04
1,0
.24
6,0
.18
4,5
.22
5,5 9180
9181 9180F PRH 142-177 .28
7,0
.22
5,5
.26
6,5 9182
9183
–
PRH 142-217 .32
8,0
B
C
STYLE 1
STYLE 2
A
B
C
A
C
B
A
WILL FIT THESE PANELS
PART NO.
DESCRIPTION
PART DIMENSIONS
MOUNTING
ASSEMBLED
AB
C
HOLE DIA.
PANEL THICKNESS
Length
Head
Head
Min.
Max.
Black
Natural
Height
Diameter
in.
mm.
in.
mm.
in. mm.
in.
mm.
in.
mm.
in.
mm.
.161
4,1
.16
4,0
.26
6,5
9331
9332
DR 161-157
.32
8,1
.06
1,5
.30
7,5
.187
4,8
.04
1,0
.38
9,5
9184
9185
DR 189-039
.42
10,7
.06
1,5
.28
7,1
.16
4,0
.28
7,1
9186
9187
DR 189-158
.38
9,7
.06
1,5
.43
10,9
.201
5,1
.06
1,5
.28
7,0
9336
-
DR 201-059
.36
9,1
.07
1,8
.33
8,5
.218
5,5
.09
2,4
.16
4,0
9188
9189
DR 217-094
.45
11,4
.08
2,0
.37
9,4
.236
6,0
.12
3,0
.28
7,0
9337
-
DR 236-118
.39
10,0
.08
2,0
.43
10,9
.06
1,5
.25
6,4
9190
9191
DR 252-059
.37
9,3
.19
4,7
.44
11,1
.250
6,4
.12
3,0
.28
7,0
9341
-
DR 252-118
.49
12,5
.28
7,1
.50 12,7
9192
9193
DR 252-280
.62
15,8
.08
2,0
.47
11,9
PRH Series
DR Series
Material
PRH - Nylon 6
DR - Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)
STANDARD
PACK
1,000/BAG
NEW!
NEW!
NEW!
NEW!


Similar Part No. - PRH

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PRH.N0.3GL.AC65GZ LEMO-PRH.N0.3GL.AC65GZ Datasheet
39Kb / 1P
PRH.N0.3GL.AC65GZ
logo
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
PRH601HL NXP-PRH601HL Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
PRH601HLC1 NXP-PRH601HLC1 Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
Nihon Inter Electronics...
PRHMB100A6 NIEC-PRHMB100A6 Datasheet
112Kb / 3P
IGBT MODULE Chopper 100A 600V
More results

Similar Description - PRH

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
QLN-36-01-100 PRODUCTWELL-QLN-36-01-100 Datasheet
680Kb / 1P
Rivets
logo
List of Unclassifed Man...
561-BR197157 ETC2-561-BR197157 Datasheet
83Kb / 2P
Blind Rivets
561-PR9000 ETC2-561-PR9000 Datasheet
69Kb / 2P
Nylon Poly Drive Rivets
561-RIV001 ETC2-561-RIV001 Datasheet
82Kb / 2P
Molded Acetal Rivets
561-SR240025 ETC2-561-SR240025 Datasheet
220Kb / 2P
Nylon Snap Rivets
logo
Richco, Inc.
SR-3045W RICHCO-SR-3045W Datasheet
140Kb / 1P
SNAP-RIVETS
logo
Ralston Instruments.
QTHP-0020 RALSTON-QTHP-0020 Datasheet
267Kb / 1P
HP, XH moveable handle assembly, rivets, roller
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
HP, XH fixed handle assembly, rivets
logo
Richco, Inc.
SR-3045B RICHCO-SR-3045B Datasheet
140Kb / 1P
SNAP-RIVETS
SRSERISE RICHCO-SRSERISE Datasheet
74Kb / 1P
SNAP-RIVETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com